전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4961 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM4961
상세설명  Ceramic Speaker Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4961 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM4961 Datasheet HTML 2Page - Texas Instruments LM4961 Datasheet HTML 3Page - Texas Instruments LM4961 Datasheet HTML 4Page - Texas Instruments LM4961 Datasheet HTML 5Page - Texas Instruments LM4961 Datasheet HTML 6Page - Texas Instruments LM4961 Datasheet HTML 7Page - Texas Instruments LM4961 Datasheet HTML 8Page - Texas Instruments LM4961 Datasheet HTML 9Page - Texas Instruments LM4961 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
20
30
40
50
60
70
80
90
100
DUTY CYCLE (%) = [1 - EFF*(VIN / VOUT)]
0
500
1000
1500
2000
2500
3000
VIN = 5V
VIN = 3.3V
VIN = 2.7V
VIN = 3V
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
1.56
1.58
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125 150
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
20
100
1k
20k
FREQUENCY (Hz)
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
2k
5k 10k
500
200
50
0
1
2
3
4
5
6
OUTPUT VOLTAGE (V)
0
50
100
150
200
250
0
1
2
3
4
5
6
OUTPUT VOLTAGE (V)
0
50
100
150
200
250
300
LM4961, LM4961LQBD
SNAS242J – AUGUST 2004 – REVISED MARCH 2007
www.ti.com
Typical Performance Characteristics (continued)
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 4.2V, RL = 2μF + 30Ω, f = 1kHz
VDD = 3.2V, RL = 2μF + 30Ω, f = 1kHz
Figure 9.
Figure 10.
Frequency Response vs Input Capacitor Size
Supply Current vs Supply Voltage
RL = 8Ω
RL = 2μF + 30Ω, VIN = 0V, RSOURCE = 50Ω
from top to bottom: Ci = 1.0μF, Ci = 0.39μF, Ci = 0.039μF
Figure 11.
Figure 12.
Switch Current Limit vs Duty Cycle
Oscillator Frequency vs Temperature
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM4961 LM4961LQBD


유사한 부품 번호 - LM4961

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961LQ NSC-LM4961LQ Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961LQ/NOPB TI1-LM4961LQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
More results

유사한 설명 - LM4961

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com