전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4985 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM4985
상세설명  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM4985_14 Datasheet HTML 3Page - Texas Instruments LM4985_14 Datasheet HTML 4Page - Texas Instruments LM4985_14 Datasheet HTML 5Page - Texas Instruments LM4985_14 Datasheet HTML 6Page - Texas Instruments LM4985_14 Datasheet HTML 7Page - Texas Instruments LM4985_14 Datasheet HTML 8Page - Texas Instruments LM4985_14 Datasheet HTML 9Page - Texas Instruments LM4985_14 Datasheet HTML 10Page - Texas Instruments LM4985_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM4985, LM4985TMEVAL
www.ti.com
SNAS346B – MAY 2006 – REVISED MAY 2006
Electrical Characteristics VDD = 3.6V
(1)(2) (continued)
The following specifications apply for RL = 16Ω, f = 1kHz, and CB = 4.7µF unless otherwise specified. Limits apply to TA =
25°C.
Symbol
Parameter
Conditions
LM4985
Units
(Limits)
Typ(3)
Limit(4)(5)
CBYPASS= 4.7μF
(7)
WT1 = 0, WT0 = 0
OCL
66
93
C-CUPL
222
WT1 = 0, WT0 = 1
OCL
92
TWU
Wake Up Time from Shutdown
C-CUPL
405
msec
WT1 = 1, WT0 = 0
OCL
143
C-CUPL
774
WT1 = 1, WT0 =1
OCL
246
C-CUPL
1532
Stereo mode
20
RIN
Input Resistance
k
Mono mode
10
AVMIN
Minimum Gain
Code = 00000
–76
–72
dB (max)
AVMAX
Maximum Gain
Code = 11111
18
17
dB (min)
18dB
≥ AV ≥–44dB
± 0.5
± 1.0
ΔAV
Gain Accuracy per Step
dB
–44dB
≥ AV > –76dB
± 1.0
± 2.0
OCL
VOS
Output Offset Voltage
RLOAD = 32Ω
2.0
20
mV (max)
VIN = AC GND
(7)
The wake-up time (TWU) is calculated using the following formula; TWU = [CBYPASS (VDD) / 2 (IBYPASS)] + 40ms.
Electrical Characteristics VDD = 2.5V
(1) (2)
The following specifications apply for RL = 16Ω, f = 1kHz, and CB = 4.7µF unless otherwise specified. Limits apply to TA =
25°C.
Symbol
Parameter
Conditions
LM4985
Units
(Limits)
Typ(3)
Limit(4)(5)
VIN = 0V, IOUT = 0A
Single-Channel no load OCL
1.6
IDD
Quiescent Power Supply Current
Single-Channel no load C-CUPL
1
mA
Dual-Channel no load OCL
2.1
Dual-Channel no load C-CUPL
1.6
ISD
Shutdown Current
VSHUTDOWN = GND
0.1
µA
VSDIH
Logic Voltage Input High
1.75
V (min)
VSDIL
Logic Voltage Input Low
0.75
V (max)
THD+N < 1%, fIN = 1kHz
RLOAD = 16Ω OCL
31
PO
Output Power
RLOAD = 16Ω C-CUPL
33
mW
RLOAD = 32Ω OCL
19
RLOAD = 32Ω C-CUPL
19
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4985 LM4985TMEVAL


유사한 부품 번호 - LM4985_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4985TM NSC-LM4985TM Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

유사한 설명 - LM4985_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com