전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4985TMEVAL 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM4985TMEVAL
상세설명  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985TMEVAL 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM4985TMEVAL Datasheet HTML 6Page - Texas Instruments LM4985TMEVAL Datasheet HTML 7Page - Texas Instruments LM4985TMEVAL Datasheet HTML 8Page - Texas Instruments LM4985TMEVAL Datasheet HTML 9Page - Texas Instruments LM4985TMEVAL Datasheet HTML 10Page - Texas Instruments LM4985TMEVAL Datasheet HTML 11Page - Texas Instruments LM4985TMEVAL Datasheet HTML 12Page - Texas Instruments LM4985TMEVAL Datasheet HTML 13Page - Texas Instruments LM4985TMEVAL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
LM4985, LM4985TMEVAL
SNAS346B – MAY 2006 – REVISED MAY 2006
www.ti.com
Typical Performance Characteristics
TA = 25°C, AV = 0dB, fIN = 1kHz unless otherwise stated.
THD+N vs Frequency
THD+N vs Frequency
VDD = 2.5V, RL = 16Ω
VDD = 3.6V, RL = 16Ω
POUT = 20mW, C-CUPL
POUT = 50mW, C-CUPL
Figure 5.
Figure 6.
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 16Ω
VDD = 2.5V, RL = 32Ω
POUT = 50mW, C-CUPL
POUT = 15mW, C-CUPL
Figure 7.
Figure 8.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V, RL = 32Ω
VDD = 5.0V, RL = 32Ω
POUT = 35mW, C-CUPL
POUT = 60mW, C-CUPL
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: LM4985 LM4985TMEVAL


유사한 부품 번호 - LM4985TMEVAL

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4985TM NSC-LM4985TM Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

유사한 설명 - LM4985TMEVAL

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com