전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2369 데이터시트(PDF) 3 Page - NEC

부품명 2SK2369
상세설명  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

2SK2369 데이터시트(HTML) 3 Page - NEC

  2SK2369 Datasheet HTML 1Page - NEC 2SK2369 Datasheet HTML 2Page - NEC 2SK2369 Datasheet HTML 3Page - NEC 2SK2369 Datasheet HTML 4Page - NEC 2SK2369 Datasheet HTML 5Page - NEC 2SK2369 Datasheet HTML 6Page - NEC 2SK2369 Datasheet HTML 7Page - NEC 2SK2369 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2369/2SK2370
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
20
140
160
100
TC - Case Temperature - (˚C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - (V)
FORWARD BIAS SAFE OPERATING AREA
10
100
1 000
100
VDS - Drain to Source Voltage - (V)
520
10
15
25
80
0
40
1.0
10
0.1
60
20
60
40
80
100
120
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
20
140
160
100
TC - Case Temperature - (˚C)
80
0
40
60
20
60
40
80
100
120
120
140
20
15
10
5
0
1
5 V
6 V
8 V
VGS = 10 V
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
510
15
100
VGS - Gate to Source Voltage - (V)
1.0
10
0.1
0
TC = 25 ˚C
Single Pulse
1 ms
10
ms
PW
=
10
s
RDS
(on)
Limited
at
(V
GS
= 10
V)
ID (pulse)
ID (DC)
Power
Dissipation
Limited
VDS = 10 V
Pulsed
Tch = 125 ˚C
75 ˚C
25 ˚C
25 ˚C
100
s


유사한 부품 번호 - 2SK2369

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2369 RENESAS-2SK2369 Datasheet
2Mb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

유사한 설명 - 2SK2369

제조업체부품명데이터시트상세설명
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com