전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP05C24A 데이터시트(PDF) 2 Page - MORNSUN Science& Technology Ltd.

부품명 ADP05C24A
상세설명  ADP Series Special for LCD Power supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

ADP05C24A 데이터시트(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  ADP05C24A Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. ADP05C24A Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
ADP
A/3-2012
Page 2 of 2
TYPICAL CHARECTERISTICS
Operating Temp.(
)
C
Temperature Derating Graph
60
80
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
MECHANICAL DIMMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMMENSIONS
Note
Unit mm inch
General tolerances:
inch
:
:
[]
0.2 5
0.010
]
Pin section tolerances
±
mm
±
inch
±
mm
±
: 0.10
[ 0.004]
[
Note:
Unit mm inch
General tolerances
:
[]
:
0.50mm [
0.020in ch]
±±
L
mm
inch
Devices per tube quantity
pcs
L
mm
inch
pcs
=5 30
[ 20.866
]
:
=2 20
[ 8.661
]
13
Devices per tube quantity5
:
Short tube inner packaging dimensions
mm
Short tube outer packaging dimensions with six inner packaging):
mm
Long tube inner packaging dimensions
mm
mm
mm
:255*170*8 0
( (
375*280*270
:580 *200*100
600*215*220
600*215*325
Long tube outer packaging dimensions(with two inner packaging):
Long tube outer packaging dimensions(with three inner packaging):
37.90[1. 492]
27.94[1. 100]
0.50 [0.020]
Φ 1.00[0.039]
22.86[0. 900]
17.78[0. 700]
12.70[ 0.500]
1 2 3 45
9 10 11 12
123 45
9 10 11 12
Note
grid 2.54*2.54mm
:
.
9.60
[ 0.378]
4.9 0[0.193]
Pin
FOOTPR IN T DETAILS
ADP05C24 ADP_A series
1
2
3
4
5
9
10
11
12
NC
Vin
GND
NC
NC
NC
NC
NC
Vout
NC
Vin
GND
ON/ OFF
A DJ
NC
NC
NC
Vout
Discript ion
No conne ct ion
I nput
Common groud
Cont rol
Out put adjust
Out put
No conne ct ion
No conne ct ion
No conne ct ion
(Front View)
(Bottom View)
RECOMMENDED CIRCUIT
LCD DC/DC CONVERTER
Vin:5
12VD C Vou t:X XXVDC
CNY YWW
ADP05XX XXA
MORNSUN
RL
Vin
GND
Vout
Cin
Cout
RL
Vin
GND
Vout
Cin
Cout
LCD DC/DC CO NVERTER
Vi n:5
12VD C Vout:XXXVDC
CNYYWW
ADP05C24
MORN SUN
W
2 0K
Note: 1. When use the convertor, filter capacitors should be connected to the input and output end, to reduce ripple and noise.
2. Output voltage adjustor
“W” is recommended to use 20KΩ, when “W”=0Ω, IVoutI=max; “W”=20KΩ, IVoutI=min.
3. ON/OFF function: when switch close, natural output; when switch open, output shutdown.
4. ADJ pin is not allowed to open, or it may cause damage to the device.


유사한 부품 번호 - ADP05C24A

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
ADP05 MACOM-ADP05 Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
ADP0504 MACOM-ADP0504 Datasheet
301Kb / 2P
   DIP SWITCH ASSEMBLY ADP/PA SERIES
ADP05S MACOM-ADP05S Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
ADP05S04 MACOM-ADP05S04 Datasheet
301Kb / 2P
   DIP SWITCH ASSEMBLY ADP/PA SERIES
ADP05SA MACOM-ADP05SA Datasheet
171Kb / 4P
   DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
More results

유사한 설명 - ADP05C24A

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
LTST-S220J LITEON-LTST-S220J Datasheet
316Kb / 6P
   Side looking special for LCD backlight
LTST-S320TBKT LITEON-LTST-S320TBKT Datasheet
298Kb / 6P
   SIDE LOOKING SPECIAL FOR LCD BACKLIGHT
LTST-S220EKT LITEON-LTST-S220EKT Datasheet
310Kb / 6P
   Side looking special for LCD backlight
LTST-S270EKT LITEON-LTST-S270EKT Datasheet
311Kb / 6P
   Side looking special for LCD backlight
LTST-S320EKT LITEON-LTST-S320EKT Datasheet
328Kb / 6P
   Side looking special for LCD backlight
LTST-S270AKT LITEON-LTST-S270AKT Datasheet
308Kb / 6P
   Side looking special for LCD backlight
LTST-S220TBKT LITEON-LTST-S220TBKT Datasheet
280Kb / 6P
   LCD for Side looking special backlight
LTST-S270CKT LITEON-LTST-S270CKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com