전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6386ADTR 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L6386ADTR
상세설명  High voltage high and low-side driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386ADTR 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button L6386ADTR Datasheet HTML 3Page - STMicroelectronics L6386ADTR Datasheet HTML 4Page - STMicroelectronics L6386ADTR Datasheet HTML 5Page - STMicroelectronics L6386ADTR Datasheet HTML 6Page - STMicroelectronics L6386ADTR Datasheet HTML 7Page - STMicroelectronics L6386ADTR Datasheet HTML 8Page - STMicroelectronics L6386ADTR Datasheet HTML 9Page - STMicroelectronics L6386ADTR Datasheet HTML 10Page - STMicroelectronics L6386ADTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID14914 Rev 2
7/15
L6386AD
Electrical characteristics
15
3.3
Timing diagram
Figure 3. Input/output timing diagram
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Logic inputs
Vil
1, 2, 3
Low level logic voltage
1.5
V
Vih
High level logic voltage
3.6
V
Iih
High level logic input current
VIN = 15 V
50
70
A
Iil
Low level logic input current
VIN = 0 V
1
A
Sense comparator
Vio
Input offset voltage
-10
10
mV
Iio
6
Input bias current
Vcin 0.5
0.2
A
Vol
2
Open drain low level output voltage
Iod = -2.5 mA
0.8
V
Vref
Comparator reference voltage
0.46
0.50
0.54
V
1. RDS(on) is tested in the following way:
where I1 is the pin 14 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2.
Table 7. DC operation electrical characteristics (continued) (VCC = 15 V; TJ = 25 °C)
RDSON
VCC VCBOOT1

VCC VCBOOT2

I1 VCC,VCBOOT1
 I
2 VCC,VCBOOT2

-------------------------------------------------------------------------------------------------------
=
HIN
LIN
SD
HOUT
LOUT
VREF
VCIN
DIAG
Note: SD active condition is latched until next negative IN edge.
D97IN522A


유사한 부품 번호 - L6386ADTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6386AD STMICROELECTRONICS-L6386AD Datasheet
208Kb / 17P
   High-voltage high and low side driver
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
208Kb / 17P
   High-voltage high and low side driver
More results

유사한 설명 - L6386ADTR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com