전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

H0509S-1W 데이터시트(PDF) 1 Page - MORNSUN Science& Technology Ltd.

부품명 H0509S-1W
상세설명  1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0509S-1W 데이터시트(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  H0509S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0509S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. H0509S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. H0509S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. H0509S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2013.05.21-B/3
Page 1 of 5
H_S-1W & G_S-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
SINGLE / DUAL OUTPUT
Patent Protected
RoHS
PART NUMBER SYSTEM
G0505S-1W
Rated Power
ackage
P
Output Vol tage
Input Voltage
Product Series
FEATURES
● SIP package
● 6000VDC isolation
● Operating temperature range:
-40℃~+105℃
● Efficiency up to 80%
● Internal SMD construction
● No external component required
● Industry standard pinout
APPLICATIONS
The H_S-1W & G_S-1W Series are designed for
application where isolated output is required from a
distributed power system.
These products apply to where:
1)
Input voltage rang :
±10%Vin;
2)
6000VDC input and output isolation;
Such as: digital circuit, low frequency analog circuit, and
relay drive circuit.
SELECTION GUIDE
Input
Voltage(VDC)
Output Current
(mA)
Input Current (mA,Typ.)
Model
Nominal
(Range)
Output
Voltage
(VDC)
Max.
Min.
@Max. Load @No Load
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, Typ.)
Approval
H0503S-1W
3.3
303
30
278
72
H0505S-1W
5
200
20
256
78
UL
H0509S-1W
9
111
12
253
79
UL
H0512S-1W
12
84
9
253
79
UL
H0515S-1W
15
67
7
253
79
UL
H0524S-1W
24
42
4
250
80
G0505S-1W
±5
±100
±10
256
78
G0507S-1W
±7.2
±70
±7
256
78
G0509S-1W
±9
±56
±6
253
79
G0512S-1W
±12
±42
±5
253
79
G0515S-1W
5
(4.5-5.5)
±15
±33
±4
253
30
15
79
H1205S-1W
5
200
20
104
80
UL
H1207S-1W
7.2
139
14
104
80
H1209S-1W
9
111
12
102
82
UL
H1212S-1W
12
84
9
103
81
UL
H1215S-1W
15
67
7
102
82
UL
G1205S-1W
±5
±100
±10
104
80
G1207S-1W
±7.2
±70
±7
104
80
G1209S-1W
±9
±56
±6
102
82
G1212S-1W
±12
±42
±5
103
81
G1215S-1W
12
(10.8-13.2)
±15
±33
±4
102
20
5
82
H1505S-1W
5
200
20
82
80
H1509S-1W
9
111
11
82
80
G1505S-1W
±5
±100
±10
82
80
G1515S-1W
15
(13.5-16.5)
±15
±33
±4
81
15
5
81
H2403S-1W
3.3
303
30
58
72
H2405S-1W
5
200
20
52
80
H2412S-1W
12
84
9
52
80
H2415S-1W
15
67
7
52
80
G2412S-1W
24
(21.6- 26.4)
±12
±42
±5
52
10
5
220
80


유사한 부품 번호 - H0509S-1W

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
H0509S-1W MORNSUN-H0509S-1W Datasheet
139Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
H0509S-1W MORNSUN-H0509S-1W Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
logo
Guangzhou Reicu Electro...
H0509S-1W REICU-H0509S-1W Datasheet
1Mb / 1P
   6000VDC Isolated 1W Single Output SIP-Package
REV:3.1
More results

유사한 설명 - H0509S-1W

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
A0503S-1WR3 MORNSUN-A0503S-1WR3 Datasheet
649Kb / 5P
   1W, Fixed input voltage, isolated & unregulated dual/single output
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
A0505XT-1WR3 MORNSUN-A0505XT-1WR3 Datasheet
660Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT4-D10D3WR RSG-RT4-D10D3WR Datasheet
745Kb / 5P
   1W fixed input voltage isolated & unregulated dual output
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com