전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVD2106 데이터시트(PDF) 4 Page - Texas Instruments

부품명 CDCLVD2106
상세설명  Dual 1:6 Low Additive Jitter LVDS Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD2106 데이터시트(HTML) 4 Page - Texas Instruments

  CDCLVD2106_14 Datasheet HTML 1Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 2Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 3Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 4Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 5Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 6Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 7Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 8Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CDCLVD2106
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range, VCC
–0.3 to 2.8
V
Input voltage range, VI
–0.2 to (VCC + 0.2)
V
Output voltage range, VO
–0.2 to (VCC + 0.2)
V
Driver short circuit current, IOSD
See note(2)
Electrostatic discharge (HBM, 1.5 k
Ω, 100 pF)
>3000
V
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
The outputs can handle permanent short.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Device supply voltage, VCC
2.375
2.5
2.625
V
Ambient temperature, TA
–40
85
°C
THERMAL INFORMATION
CDCLVD2106
THERMAL METRIC(1)
UNITS
RHA (40 PINS)
qJA
Junction-to-ambient thermal resistance
31.0
qJC(top)
Junction-to-case(top) thermal resistance
28.7
qJB
Junction-to-board thermal resistance
9.3
°C/W
yJT
Junction-to-top characterization parameter
0.4
yJB
Junction-to-board characterization parameter
9.3
qJC(bottom)
Junction-to-case(bottom) thermal resistance
3.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS
At VCC = 2.375V to 2.625V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN CONTROL INPUT CHARACTERISTICS
VdI3
3 State
Open
0.5×VCC
V
VdIH
Input high voltage
0.7×VCC
V
VdIL
Input low voltage
0.2×VCC
V
IdIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
30
mA
IdIL
Input low current
VCC = 2.625 V, VIL = 0 V
–30
mA
Rpull(EN)
Input pull-up/ pull-down resistor
200
k
Ω
2.5V LVCMOS (see Figure 7) INPUT CHARACTERISTICS
fIN
Input frequency
200
MHz
External threshold voltage applied to
Vth
Input threshold voltage
1.1
1.5
V
complementary input
VIH
Input high voltage
Vth + 0.1
VCC
V
VIL
Input low voltage
0
Vth – 0.1
V
IIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
10
mA
IIL
Input low current
VCC = 2.625 V, VIL = 0 V
–10
mA
ΔV/ΔT
Input edge rate
20%–80%
1.5
V/ns
CIN
Input capacitance
2.5
pF
4
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2106


유사한 부품 번호 - CDCLVD2106_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD2106RHAR TI1-CDCLVD2106RHAR Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2106RHAT TI1-CDCLVD2106RHAT Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results

유사한 설명 - CDCLVD2106_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
[Old version datasheet]   Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
[Old version datasheet]   Dual 1:8 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com