전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7922DN-T1 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI7922DN-T1
상세설명  Dual N-Channel 100-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7922DN-T1 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI7922DN-T1 Datasheet HTML 1Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 2Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 3Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 4Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 5Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 6Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 7Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 8Page - Vishay Siliconix SI7922DN-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 72031
S-81544-Rev. E, 07-Jul-08
www.vishay.com
5
Vishay Siliconix
Si7922DN
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?72031.
Normalized Thermal Transient Impedance, Junction-to-Case
1
0.2
0.1
10-3
10-2
10-1
10-4
2
1
0.1
0.01
0.05
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02
Single Pulse


유사한 부품 번호 - SI7922DN-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7922DN VISHAY-SI7922DN Datasheet
240Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7922DN VISHAY-SI7922DN Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
SI7922DN VISHAY-SI7922DN Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7922DN VISHAY-SI7922DN Datasheet
541Kb / 12P
   Dual N-Channel 100-V (D-S) MOSFET
01-Jan-2022
SI7922DN VISHAY-SI7922DN_06 Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
More results

유사한 설명 - SI7922DN-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 11-Jan-10
SI7942DP VISHAY-SI7942DP_06 Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7942DP VISHAY-SI7942DP Datasheet
89Kb / 6P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 03-Mar-03
logo
Analog Power
AM4990N ANALOGPOWER-AM4990N Datasheet
166Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SIS990DN VISHAY-SIS990DN Datasheet
568Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
Rev. A, 12-Aug-13
SIS990DN VISHAY-SIS990DN_V01 Datasheet
571Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7252DP VISHAY-SI7252DP_V01 Datasheet
382Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA3104N VBSEMI-VBA3104N Datasheet
745Kb / 9P
   Dual N-Channel 100 V (D-S) MOSFET
VBA3108N VBSEMI-VBA3108N Datasheet
654Kb / 9P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4982DY VISHAY-SI4982DY Datasheet
40Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 26-May-03
SI7922DN VISHAY-SI7922DN_07 Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com