전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD20-10B05 데이터시트(PDF) 3 Page - MORNSUN Science& Technology Ltd.

부품명 LD20-10B05
상세설명  AC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD20-10B05 데이터시트(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LD20-10B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD20-10B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD20-10B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD20-10B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD20-10B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD20-10B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC/DC Converter
LD20 Series
2014.02.12-B/0
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
0
-25
55
70
40
30
100
75
80
20
40
100
60
80
100
240
85
264
70
340
120
370
100
100~240VAC
120~340VDC
Input Voltage:
VAC
VDC
Ambient Temperature( )
Temperature Derating Graph
Input Voltage V
()
Input Voltag e Deratin g Graph
Ambient temperature:25℃
Note: Input voltage should be derated based on temperature derating
when it is
.
85~100VAC/240~264VAC/100~120VDC/340~370VDC
20
3.3V,5 V O u tput
12V,15V O u tput
LD20-10B05
LD20-10B12
60
65
70
75
80
85
90
95
100
85
120
240
264
Input Voltage(V)
Efficiency Vs Input Voltage(Full Load)
LD20-10B05
LD20-10B12
60
65
70
75
80
85
90
10
30
50
70
100
Output Power Percentage(%)
Efficiency Vs Output Load(Vin=240VAC)
Design Reference
1. Typical application circuit
AC(L)
+Vo
-Vo
AC(L)
AC(N)
AC(N)
C1
C2
TVS
LOAD
FUSE
AC D C
MOV 1
NTC
Fig. 1: Typical application circuit
Model
C1
C2
TVS
LD20-10B03
1μF/50V
220μF/10V
SMBJ7.0A
LD20-10B05
220μF/10V
SMBJ7.0A
LD20-10B12
120μF/25V
SMBJ20A
LD20-10B15
120μF/25V
SMBJ20A
LD20-10B24
68μF/35V
SMBJ30A
Note:
Output filtering capacitor C2 is electrolytic capacitor, it is recommended to apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitance withstand voltage derating should be 80% or above. C1 is
ceramic capacitor, which is used to filter high-frequency noise. TVS is a recommended component to protect post-circuits if converter fails.
2. EMC solution-recommended circuit
AC(N)
AC(L)
LCM
AC(N)
AC(L)
ACDC
MOV1
MOV2
CX
R1
CY2
CY1
GDT4
MOV3
+Vo
-Vo
FUSE
C1
C2
TVS
RL
LDM
Can use MORNSUN's FC-LX1D2
Fig 2: EMC application circuit with higher requirements
Fig 3: Recommended EMC circuit-PCB layout
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and
ground ≥6mm


유사한 부품 번호 - LD20-10B05

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LD20-2600B ETC2-LD20-2600B Datasheet
326Kb / 6P
   Low flow sensing up to 1200 ml/h (20 ml/min)
logo
MORNSUN Science& Techno...
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B05 MORNSUN-LD20-26B05 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B09 MORNSUN-LD20-26B09 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B12 MORNSUN-LD20-26B12 Datasheet
1Mb / 6P
   20W, AC/DC converter
More results

유사한 설명 - LD20-10B05

제조업체부품명데이터시트상세설명
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com