전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD20-10B15 데이터시트(PDF) 4 Page - MORNSUN Science& Technology Ltd.

부품명 LD20-10B15
상세설명  AC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD20-10B15 데이터시트(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LD20-10B15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD20-10B15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD20-10B15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD20-10B15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD20-10B15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD20-10B15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC/DC Converter
LD20 Series
2014.02.12-B/0
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Element model
Recommended value
Element model
Recommended value
MOV1
S20K350
LDM
5uH
MOV2
S10K300
LCM
10mH, recommended to use MORNSUN’s FL2D-Z5-103
MOV3
S10K300
GDT4
EM3600XS
CX
0.15μF/300VAC
FUSE
3.15A/250V, slow fusing,
CY1, CY2
2.2nF/400VAC
FC-LX1D2
4KV/6KV EMC filter
R1
1MΩ/2W
--
--
3. For more information Please find application notes on www.mornsun-power.com
Dimensions and Recommended Layout
LD20-10BXXA2 Dimensions


유사한 부품 번호 - LD20-10B15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LD20-2600B ETC2-LD20-2600B Datasheet
326Kb / 6P
   Low flow sensing up to 1200 ml/h (20 ml/min)
logo
MORNSUN Science& Techno...
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B05 MORNSUN-LD20-26B05 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B09 MORNSUN-LD20-26B09 Datasheet
1Mb / 6P
   20W, AC/DC converter
LD20-26B12 MORNSUN-LD20-26B12 Datasheet
1Mb / 6P
   20W, AC/DC converter
More results

유사한 설명 - LD20-10B15

제조업체부품명데이터시트상세설명
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com