전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS03-05B12KC 데이터시트(PDF) 3 Page - MORNSUN Science& Technology Ltd.

부품명 LS03-05B12KC
상세설명  3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05B12KC 데이터시트(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LS03-05B12KC Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05B12KC Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05B12KC Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-05B12KC Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05BXXKC
A/3-2012
Page 3 of 4
STRUCTURE FIGURE
DC/DC
Conv ertor
+Vin( L)
-Vin( N)
+
C1
E xter nal
Capa citor
12
7
10
1
3
Rectific ate
Contrl
Cir c uit
Feedback
loop
Vo ltage
sam pling
Rec tifier
filter
c irc uit
+Vo
- Vo
TYPICAL APPLICATIONS
C2 C3
7
+Vo
-Vo
TVS RL
3
1
L
N
C1
+
10
+
CY
12
FUSE
NTC
MOV
L
N
+ Vo
-Vo
AC-DC
L
N
+Vo
-Vo
Figure 1:LS03-05BXXKC
Figure 2:Note: This application is not supported for this series.
OU TPUT
N
L
N
L
PE
LCM
MOV
R2
R1
R3
CX
C Y3
C Y4
A CDC
C Y1
C Y2
C1
+
10
CY
LDM
can use M OR N S UN
’s FC -L01D
FU SE
Figure 3:LS03 series Recommended circuit for application require higher EMC standard
(external circuit output same as above)
Figure 4:EMC application circuit PCB layout
Safety and recommend wiring: linewidth A≥3mm,C≥9mm
EXTERNAL CAPACITORS TYPICAL VALUE
Output Voltage
C1
C2
C3
FUSE
TVS
5V
SMBJ7.0A
12V
10
μF/400V
1
μF/50V
(Ceramic Capacitor)
150
μF/25V
1A/250V
SMBJ20A
Note:
For standard EMC requirement, please refer to figure 1 , if higher EMC requirement ,please refer to figure 3.
1.
C1:AC input, is filtering electrolytic capacitor (which is required), when input voltage is below 100VAC, and the value of C1 is 22
μF/400V.
DC input, is a filtering capacitor in EMC Filter, the value of C1 is 10
µF/400V(when input voltage is above 370VDC, and the value of C1 is 10µF/450V), If
EMC performance is not required,C1 could not need.
2.
C2 is ceramic capacitor, it is used to filter high frequency noise. Output filtering capacitor C3 (which is required when AC input or DC input) is recommended to
use high frequency and low impedance electrolytic capacitors. For capacitance and current of capacitor please refer to manufacture
’s datasheet. Voltage
derating of capacitor should be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails).
3.
Recommended external circuit parameters in Figure 3:
MOV: Varistor,
model: 561KD14,it is used to protect the device under surge;
R1 、R2:2
Ω/3W;
R3:1M
Ω/2W;
CY、CY1、CY2、CY3、CY4:102M/400VAC;
CX:0.22
µF/275VAC;
LCM:10mH-30mH;
LDM:300
µH;
FC-L01D:MORNSUN
’s 2KV/4KV Surge protector.
4.
FUSE:1A/250V Slow-Blow


유사한 부품 번호 - LS03-05B12KC

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LS03-05B12K MORNSUN-LS03-05B12K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results

유사한 설명 - LS03-05B12KC

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S_15 Datasheet
359Kb / 6P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com