전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS05-15B15SS 데이터시트(PDF) 4 Page - MORNSUN Science& Technology Ltd.

부품명 LS05-15B15SS
상세설명  AC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS05-15B15SS 데이터시트(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LS05-15B15SS Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC/DC Converter
LS05-15BXXSS Series
2014.04.14-A/0
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC solution-recommended circuit
AC(N)
AC(L)
AC(L)
MOV2
LCM
CX
CY1
CY2
AC/DC
C1
+
5
FUSE
14
CY0
12
7
AC(N)
-Vo
+Vo
+
C2
TVS
RL
C3
LDM
NTC
Fig 2: EMC application circuit with higher requirements
Fig 3: Recommended EMC circuit-PCB layout
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and
ground ≥6mm
Components
Recommend Parameter
MOV2
S14K320
CY1, CY2
1nF/400VAC
CX
0.1μF/275VAC
LCM
3.5mH
LDM
330μH
NTC
13D-5
FUSE
1A/250V, slow fusing, required
3. For more information please find application notes on www.mornsun-power.com


유사한 부품 번호 - LS05-15B15SS

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LS05-15B15S MORNSUN-LS05-15B15S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
More results

유사한 설명 - LS05-15B15SS

제조업체부품명데이터시트상세설명
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com