전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5688 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DAC5688
상세설명  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5688 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC5688_14 Datasheet HTML 4Page - Texas Instruments DAC5688_14 Datasheet HTML 5Page - Texas Instruments DAC5688_14 Datasheet HTML 6Page - Texas Instruments DAC5688_14 Datasheet HTML 7Page - Texas Instruments DAC5688_14 Datasheet HTML 8Page - Texas Instruments DAC5688_14 Datasheet HTML 9Page - Texas Instruments DAC5688_14 Datasheet HTML 10Page - Texas Instruments DAC5688_14 Datasheet HTML 11Page - Texas Instruments DAC5688_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
DAC5688
SLLS880C – DECEMBER 2007 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS)
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3V, DVDD, CLKVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PHASE LOCKED LOOP
Phase noise at 600 kHz offset
100 MHz, 0-dBFS tone,
–125
fDATA = 200 MSPS, CLK2/C = 200 MHz,
PLL_m = '00111', PLL_n = '001', (M/N=4)
dBc/ Hz
Phase noise at 6 MHz offset
–146
PLL_gain = '11', PLL_range = '1000' (8)
x4 Interpolation
140
270
MHz
PLL_gain = '00', PLL_range = '0000' (0)
215
MHz/V
270
440
MHz
PLL_gain = '01', PLL_range = '0001' (1)
290
MHz/V
370
490
MHz
PLL_gain = '01', PLL_range = '0010' (2)
255
MHz/V
450
530
MHz
PLL_gain = '01', PLL_range = '0011' (3)
230
MHz/V
530
650
MHz
PLL_gain = '10', PLL_range = '0100' (4)
285
MHz/V
600
680
MHz
PLL_gain = '10', PLL_range = '0101' (5)
260
MHz/V
PLL/VCO Operating Frequency,
Typical VCO Gain
660
720
MHz
PLL_gain = '10', PLL_range = '0110' (6)
245
MHz/V
710
750
MHz
PLL_gain = '10', PLL_range = '0111' (7)
230
MHz/V
750
830
MHz
PLL_gain = '11', PLL_range = '1000' (8)
275
MHz/V
800
860
MHz
PLL_gain = '11', PLL_range = '1001' (9)
260
MHz/V
840
890
MHz
PLL_gain = '11', PLL_range = '1010' (A)
245
MHz/V
880
910
MHz
PLL_gain = '11', PLL_range = '1011' (B)
235
MHz/V
PFD Maximum Frequency
160
MHz
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688


유사한 부품 번호 - DAC5688_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

유사한 설명 - DAC5688_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com