전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBT0540-G 데이터시트(PDF) 1 Page - Comchip Technology

부품명 CDBT0540-G
상세설명  SMD Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT0540-G 데이터시트(HTML) 1 Page - Comchip Technology

  CDBT0540-G Datasheet HTML 1Page - Comchip Technology CDBT0540-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDBT0540-G
RoHS Device
SMD Schottky Barrier Diode
QW-BA016
Page 1
REV:B
Features
-Small surface mount type.
-Low reverse current and low forward voltage.
-High reliability.
Marking: D3A
Dimensions in inches and (millimeter)
Parameter
Value
Unit
Peak reverse voltage
DC reverse voltage
Peak surge forward voltage
Mean rectifying current
Power dissipation
Thermal resistance, junction to ambient
Junction temperature
Storage temperature
VRM
VR
IFSM
IO
PD
RθJA
TJ
TSTG
40
40
3
0.5
250
500
125
-40 to +125
V
OC/W
V
A
A
mW
OC
OC
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.083(2.10)
0.066(1.70)
0.044(1.10)
0.035(0.90)
0.020(0.50)
0.013(0.35)
0.006(0.15)
0.002(0.05)
0.103(2.60)
0.086(2.20)
0.006(0.15) max
0.007(0.20) min
Symbol
Symbol
Parameter
Conditions
Min
Max
Unit
Reverse breakdown voltage
Forward voltage
Reverse current
Capacitance between terminals
IR=100μA
IF=500mA
VR=10V
VR=30V
VR=0V, f=1MHz
VR=10V, f=1MHz
VBR
VF
IR
CT
40
0.55
30
50
V
V
μA
μA
pF
pF
Typ.
125
20
Comchip Technology CO., LTD.
Maximum Ratings (at Ta=25°C unless otherwise noted)
Electrical Characteristics (at Ta=25°C unless otherwise noted)


유사한 부품 번호 - CDBT0540-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBT0540-G COMCHIP-CDBT0540-G Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
More results

유사한 설명 - CDBT0540-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com