전자부품 데이터시트 검색엔진 |
|
2SK2480 데이터시트(PDF) 2 Page - NEC |
|
2SK2480 데이터시트(HTML) 2 Page - NEC |
2 / 8 page 2SK2480 2 ELECTRICAL CHARACTERISTICS (TA = 25 ˚C) CHARACTERISTIC SYMBOL MIN. TYP. MAX. TEST CONDITIONS Drain to Source On-Resistance RDS (on) 3.2 4.0 VGS = 10 V, ID = 2.0 A Gate to Source Cutoff Voltage VGS (off) 2.5 3.5 VDS = 10 V, ID = 1 mA Forward Transfer Admittance | yfs | 1.0 VDS = 20 V, ID = 2.0 A Drain Leakage Current IDSS 100 VDS = VDSS, VGS = 0 Gate to Source Leakage Current IGSS ±100 VGS = ±30 V, VDS = 0 Input Capacitance Ciss 900 VDS = 10 V Output Capacitance Coss 130 VGS = 0 Reverse Transfer Capacitance Crss 25 f = 1 MHz Turn-On Delay Time td (on) 17 ID = 2.0 A Rise Time tr 7 VGS = 10 V Turn-Off Delay Time td (off) 63 VDD = 150 V Fall Time tf 8 RG = 75 Ω Total Gate Charge QG 30 ID = 3.0 A Gate to Source Charge QGS 5 VDD = 450 V Gate to Drain Charge QGD 16 VGS = 10 V Body Diode Forward Voltage VF (S-D) 1.0 IF = 3.0 A, VGS = 0 Reverse Recovery Time trr 650 IF = 3.0 A, VGS = 0 Reverse Recovery Charge Qrr 2.8 di/dt = 50 A/ µs UNIT Ω V S µA nA pF pF pF ns ns ns ns nC nC nC V ns µC The application circuits and their parameters are for references only and are not intended for use in actual design-in's. Test Circuit 3 Gate Charge VGS = 20 - 0 V PG RG = 25 Ω 50 Ω D.U.T. L VDD Test Circuit 1 Avalanche Capability PG. RG = 10 Ω D.U.T. RL VDD Test Circuit 2 Switching Time RG PG. IG = 2 mA 50 Ω D.U.T. RL VDD ID VDD IAS VDS BVDSS Starting Tch VGS 0 t = 1us Duty Cycle ≤ 1 % VGS Wave Form ID Wave Form VGS ID 10 % 10 % 0 0 90 % 90 % 90 % 10 % VGS (on) ID ton toff td (on) tr td (off) tf t |
유사한 부품 번호 - 2SK2480 |
|
유사한 설명 - 2SK2480 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |