전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FME010P102 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 FME010P102
상세설명  Code for Special Contacts
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FME010P102 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FME010P102 Datasheet HTML 4Page - List of Unclassifed Manufacturers FME010P102 Datasheet HTML 5Page - List of Unclassifed Manufacturers FME010P102 Datasheet HTML 6Page - List of Unclassifed Manufacturers FME010P102 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME010P102 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME010P102 Datasheet HTML 9Page - List of Unclassifed Manufacturers FME010P102 Datasheet HTML 10Page - List of Unclassifed Manufacturers FME010P102 Datasheet HTML 11Page - List of Unclassifed Manufacturers FME010P102 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
33
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FMX002P102 *
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX002S102 *
FMX002P101 *
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX002S101 *
FMX002P202 *
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FMX002S202 *
FMX002P201 *
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FMX002S201 *
FMX003P102 **
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX003S102**
FMX003P101**
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX003S101**
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff
30 microinches = 0,8 µm
200 microinches = 5 µm
* Short version / kurze Version
** Deep-drawn crimp ferrule without inspection hole, please see illustration on page 32.
** Tiefgezogene Crimphülse ohne Inspektionsbohrung, siehe Darstellung auf Seite 32.
Order Number
Receptacles
179BU, 187AU
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
RG-
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
179BU, 187AU
Type
Ausführung
Innenleiter
Inner Conductor
179BU, 187AU
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel
RG-
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Solder termination
Crimp or solder termination
Löten
Crimpen oder Löten
FMX Coaxial Contacts, 75 Ohm, Straight Cable Termination
FMX Koaxialkontakte, 75 Ohm, gerader Kabelanschluss
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
FMX002...
0,5
1,9
2,3
3,2
6,0
3,1
2,0
7,3
18,55
19,05
12,8
(0.020)
(0.075)
(0.091)
(0.126)
(0.236)
(0.122)
(0.079)
(0.287)
(0.730)
(0.750)
(0.504)
FMX003...
0,5
1,9
2,3
3,2
9,5
5,0
3,0
11,2
22,5
23,0
16,7
(0.020)
(0.075)
(0.091)
(0.126)
(0.374)
(0.197)
(0.118)
(0.441)
(0.886)
(0.906)
(0.657)
Dimensions
Abmessungen


유사한 부품 번호 - FME010P102

제조업체부품명데이터시트상세설명
logo
NEC
FME0H223ZF NEC-FME0H223ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FME0H223ZF KEMET-FME0H223ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FME, 0.022 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FME0H223ZF-L116 KEMET-FME0H223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZF-L118 KEMET-FME0H223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZFL116 KEMET-FME0H223ZFL116 Datasheet
764Kb / 18P
   Supercapacitors FM Series
More results

유사한 설명 - FME010P102

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
logo
Unisonic Technologies
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Figaro Engineering Inc.
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
   Special Sensor for Hydrogen Gas
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
logo
List of Unclassifed Man...
SJ2025 ETC-SJ2025 Datasheet
207Kb / 5P
   Special amplifier circuit for multimedia speakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com