전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FME008P108 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 FME008P108
상세설명  Code for Special Contacts
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FME008P108 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  FME008P108 Datasheet HTML 1Page - List of Unclassifed Manufacturers FME008P108 Datasheet HTML 2Page - List of Unclassifed Manufacturers FME008P108 Datasheet HTML 3Page - List of Unclassifed Manufacturers FME008P108 Datasheet HTML 4Page - List of Unclassifed Manufacturers FME008P108 Datasheet HTML 5Page - List of Unclassifed Manufacturers FME008P108 Datasheet HTML 6Page - List of Unclassifed Manufacturers FME008P108 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME008P108 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME008P108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
26
ML 12/2008
FMS-Series
FMS-Serie
· Coaxial contact for cable termination
· Inner conductor for crimp or solder
termination
· Crimp Snap-In System
· Outer conductor for solder or crimp
termination
· Koaxialkontakt für Kabelanschluss
· Innenleiter zum Crimpen oder Löten
· Crimp Snap-In System
· Außenleiter zum Löten oder Crimpen
FBM-Series
FBM-Serie
· Coaxial contact for D-Sub / Blind mate /
For hidden mounting, e.g. in drawers for
frequencies up to 3.5 GHz.
· Koaxialkontakte für D-Sub / Blind mate /
Für verdecktes Stecken z. B. bei Einschub-
schächten für Frequenzen bis zu 3,5 GHz
Series
Baureihen
Code for Special Contacts
Nummernschlüssel für Sonderkontakte
Ordering Code
Bestellschlüssel
Modifications
Modifikationen
Modifications / Modifikationen
B
Socket with 4 slits
Buchse mit vier Schlitzen
E
With earthing spring
mit Erdungsfeder
F
Greased contacts
befettete Kontakte
K
With plastic retention clip
mit Kunststoffhaltering
M
CuBe retention clip
CuBe-Haltering
R
With knurl for secure fixing in the insulator
mit Rändel für festen Sitz im Isolierkörper
U
Narrower insertion zone for a more secure fixing in the insulator
with a Cu-Be-retention clip
engeres Einrastmaß für festen Sitz im Isolierkörper mit
Cu-Be-Haltering
W
With spring washer
mit Federring
FMX-Series
FMX-Serie
· Coaxial contact for cable termination
· Inner conductor for solder termination
· Outer conductor for solder termination
· Outer conductor for solder or crimp
termination
· Koaxialkontakt für Kabelanschluss
· Innenleiter zum Löten
· Außenleiter zum Löten
· Außenleiter zum Löten oder Crimpen
FMP-Series
FMP-Serie
FMV-Series
FMV-Serie
FMG-Series
FMG-Serie
· High power contacts
· Hochstromkontakte
· High voltage contacts
· Hochspannungskontakte
· Pneumatic contacts
· Pneumatikkontakte
FME-Series
FME-Serie
· Coaxial contact for PCB termination
· Koaxialkontakt für Leiterplattenanschluss


유사한 부품 번호 - FME008P108

제조업체부품명데이터시트상세설명
logo
NEC
FME0H223ZF NEC-FME0H223ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FME0H223ZF KEMET-FME0H223ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FME, 0.022 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FME0H223ZF-L116 KEMET-FME0H223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZF-L118 KEMET-FME0H223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZFL116 KEMET-FME0H223ZFL116 Datasheet
764Kb / 18P
   Supercapacitors FM Series
More results

유사한 설명 - FME008P108

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
logo
Unisonic Technologies
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Figaro Engineering Inc.
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
   Special Sensor for Hydrogen Gas
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
logo
List of Unclassifed Man...
SJ2025 ETC-SJ2025 Datasheet
207Kb / 5P
   Special amplifier circuit for multimedia speakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com