전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2F-4 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 KA2F-4
상세설명  Mechanical accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

KA2F-4 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

  KA2F-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers KA2F-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers KA2F-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers KA2F-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers KA2F-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers KA2F-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers KA2F-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers KA2F-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6.12 - UL FORMULA Molded Case Circuit Breakers
5.12
130
1.97
50
1.97
50
1.18
30
1.18
30
1.18
30
0.41
10.5
2.95
75
1.57
40
0.20
5
1.18
30
1.18
30
0.41
10.5
0.24 MAX
6
0.98
25
ES Terminals
Caption
1 Front extended spread
terminals
2 100mm insulating barriers
between the terminals
(compulsory) supplied
3 pole
2 pole
Approximate dimensions
A2 - Circuit breaker and terminals


유사한 부품 번호 - KA2F-4

제조업체부품명데이터시트상세설명
logo
Rohm
KA2001-B05N30A ROHM-KA2001-B05N30A Datasheet
82Kb / 2P
   For Label wr i ters ser ies
KA2002-B05B70A ROHM-KA2002-B05B70A Datasheet
324Kb / 2P
   For Mobile Printers series
2019.10 - Rev.001
KA2002-B35N00A ROHM-KA2002-B35N00A Datasheet
72Kb / 2P
   For Mobi le Pr inters ser ies
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
52Kb / 5P
   Compact Battery drivable thick film thermal printhead (8dots / mm)
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
109Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
More results

유사한 설명 - KA2F-4

제조업체부품명데이터시트상세설명
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com