전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3122D2 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TPA3122D2
상세설명  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3122D2 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA3122D2_14 Datasheet HTML 5Page - Texas Instruments TPA3122D2_14 Datasheet HTML 6Page - Texas Instruments TPA3122D2_14 Datasheet HTML 7Page - Texas Instruments TPA3122D2_14 Datasheet HTML 8Page - Texas Instruments TPA3122D2_14 Datasheet HTML 9Page - Texas Instruments TPA3122D2_14 Datasheet HTML 10Page - Texas Instruments TPA3122D2_14 Datasheet HTML 11Page - Texas Instruments TPA3122D2_14 Datasheet HTML 12Page - Texas Instruments TPA3122D2_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
−30
−20
−10
0
10
20
30
f − Frequency − Hz
G020
−400
−500
−600
−700
−300
−200
20
100
1k
200k
10k
Phase
Gain
Gain=20dB
PO =0.125W
RL =8 Ω (BTL)
VCC =24V
L filt =33 mH
Cfilt =1 F
m
PO − Output Power − W
0.1
0.01
0.001
G019
Gain = 20 dB
RL = 8 Ω (BTL)
1
10
0.01
0.1
1
50
10
VCC = 24 V
VCC = 18 V
VCC = 12 V
PVCC − Supply Voltage − V
0
10
20
30
40
50
60
70
10
12
14
16
18
20
22
24
26
28
30
G021
Gain = 20 dB
RL = 8 Ω (BTL)
THD+N = 10%
THD+N = 1%
PO − Output Power − W
0
20
40
60
80
100
0
4
8
12
16
20
24
28
G022
Gain = 20 dB
RL = 8 Ω (BTL)
VCC = 12 V
VCC = 18 V
VCC = 24 V
PO − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
4
8
12
16
20
24
28
G023
Gain = 20 dB
RL = 8 Ω (BTL)
VCC = 24 V
VCC = 12 V
VCC = 18 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G024
Gain = 20 dB
RL = 8 Ω (BTL)
VCC = 24 V
Vripple = 200 mVp-p
20
100
1k
20k
10k
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
GAIN/PHASE
vs
vs
OUTPUT POWER (BTL)
FREQUENCY (BTL)
Figure 19.
Figure 20.
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE (BTL)
OUTPUT POWER (BTL)
Figure 21.
Figure 22.
SUPPLY CURRENT
POWER SUPPLY REJECTION RATIO
vs
vs
TOTAL OUTPUT POWER (BTL)
FREQUENCY (BTL)
Figure 23.
Figure 24.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPA3122D2


유사한 부품 번호 - TPA3122D2_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3122D2_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com