전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6133A2 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6133A2
상세설명  138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA6133A2 Datasheet HTML 5Page - Texas Instruments TPA6133A2 Datasheet HTML 6Page - Texas Instruments TPA6133A2 Datasheet HTML 7Page - Texas Instruments TPA6133A2 Datasheet HTML 8Page - Texas Instruments TPA6133A2 Datasheet HTML 9Page - Texas Instruments TPA6133A2 Datasheet HTML 10Page - Texas Instruments TPA6133A2 Datasheet HTML 11Page - Texas Instruments TPA6133A2 Datasheet HTML 12Page - Texas Instruments TPA6133A2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
C
O +
1
2pR
Lfc
fc +
1
2pR
LCO
1
2
3
4
5
6
7
8
9
10
15
14
13
12
11
20
19
18
17
16
Top View
LEFTINM
LEFTINP
GND
RIGHTINP
RIGHTINM
HPRIGHT
VDD
GND
HPLEFT
CPVSS
0.47uF
0.47uF
0.47uF
0.47uF
2.2KQ
1uF
1uF
1uF
1uF
TPA6133A2
www.ti.com
SLOS821 – JUNE 2013
APPLICATION INFORMATION
SIMPLIFIED APPLICATIONS CIRCUIT
Headphone Amplifiers
Single-supply headphone amplifiers typically require dc-blocking capacitors. The capacitors are required because
most headphone amplifiers have a dc bias on the outputs pin. If the dc bias is not removed, the output signal is
severely clipped, and large amounts of dc current rush through the headphones, potentially damaging them. The
top drawing in Figure 19 illustrates the conventional headphone amplifier connection to the headphone jack and
output signal.
DC blocking capacitors are often large in value. The headphone speakers (typical resistive values of 16
Ω or 32
Ω) combine with the dc blocking capacitors to form a high-pass filter. Equation 1 shows the relationship between
the load impedance (RL), the capacitor (CO), and the cutoff frequency (fC).
(1)
CO can be determined using Equation 2, where the load impedance and the cutoff frequency are known.
(2)
If fc is low, the capacitor must then have a large value because the load resistance is small. Large capacitance
values require large package sizes. Large package sizes consume PCB area, stand high above the PCB,
increase cost of assembly, and can reduce the fidelity of the audio output signal.
Copyright © 2013, Texas Instruments Incorporated
9
Product Folder Links: TPA6133A2


유사한 부품 번호 - TPA6133A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2RTJR TI1-TPA6133A2RTJR Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2RTJR TI1-TPA6133A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2RTJR TI1-TPA6133A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results

유사한 설명 - TPA6133A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com