전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N138 데이터시트(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

부품명 6N138
상세설명  Low Input Current, High Gain Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N138 데이터시트(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  6N138 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Selection for lower input current down to 250 μA is
available upon request.
The HCPL-0701 and HCPL-0700 are surface mount devices
packaged in an industry standard SOIC-8 footprint.
The SOIC-8 does not require “through holes” in a PCB.
This package occupies approximately one-third the
footprint area of the standard dual-in-line package. The
lead profile is designed to be compatible with standard
surface mount processes.
The HCNW139 and HCNW138 are packaged in a
widebody encapsulation that provides creepage and
clearance dimensions suitable for safety approval by
regulatory agencies worldwide.
Selection Guide
Widebody
8-Pin DIP
Package
Hermetic
(300 Mil)
Small Outline SO-8
(400 mil)
Single and
Dual
Single
Dual
Minimum
Absolute
Dual
Single
Channel
Channel
Channel
Single
Input ON
Maxi-
Channel
Channel
Package
Package
Package
Channel
Current
Minimum
mum
Packages
Package
HCPL-
HCPL-
HCPL-
Package
(I
F)
CTR
V
CC
HCPL-
6N139
2731[1]
0701
0731
HCNW139
0.5 mA
400%
18 V
6N138
2730[1]
0700
0730
HCNW138
1.6 mA
300%
7 V
HCPL-4701[1]
4731[1]
070A[1]
073A[1]
40 μA
800%
18 V
0.5 mA
300%
20 V
5701[1]
5700[1]
5731[1]
5730[1]
Note:
1. Technical data are on separate Avago publications.


유사한 부품 번호 - 6N138

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
6N138 TOSHIBA-6N138 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Vishay Siliconix
6N138 VISHAY-6N138 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
More results

유사한 설명 - 6N138

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com