전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-3760-500E 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-3760-500E
상세설명  Isolated Voltage/Current Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3760-500E 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3760-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Figure 5. Typical input current, I
IN, and low level output voltage, VOL, vs. temperature.
Figure 6. Typical logic low supply current vs. supply voltage.
Figure 4. Typical high level supply current, I
CCH vs.
temperature.
Figure 3. Typical DC threshold levels vs. temperature.
TA – TEMPERATURE – °C
2.4
-20
4.2
0
40
60
1.8
3.4
3.8
-40
80
2.2
2.0
20
HCPL-0370/3700
2.6
2.8
3.0
3.2
3.6
4.0
1.4
3.2
0.8
2.4
2.8
1.2
1.0
1.6
1.8
2.0
2.2
2.6
3.0
ITH+
VTH-
ITH-
VTH+
TA – TEMPERATURE – °C
2.4
-25
HCPL-3700 fig 3b
4.2
0
50
75
1.8
3.4
3.8
-40
85
2.2
2.0
25
HCPL-3760
2.6
2.8
3.0
3.2
3.6
4.0
0.7
1.6
0.4
1.2
1.4
0.6
0.5
0.8
0.9
1.0
1.1
1.3
1.5
VTH+
ITH+
VTH-
ITH-
TA – TEMPERATURE – °C
-25
HCPL-3700 fig 4
100
0
50
75
10-5
10-1
-40
85
10-4
25
10-3
10-2
VCC = 18 V
VO = OPEN
IIN = 0 mA
ICCH
ICCH
TA – TEMPERATURE – °C
1.2
-25
HCPL-3700 fig 5b
2.1
0
50
75
0.9
1.7
1.9
-40
85
1.1
1.0
25
HCPL-3760
1.3
1.4
1.5
1.6
1.8
2.0
60
240
0
160
200
40
20
80
100
120
140
180
220
VIN = 5.0 V
(PINS 2, 3)
VCC = 5.0 V
IIN
VCC = 5.0 V
IOL = 4.2 mA
VOL
TA – TEMPERATURE – °C
2.4
-20
4.2
0
40
60
1.8
3.4
3.8
-40
80
2.2
2.0
20
HCPL-0370/3700
2.6
2.8
3.0
3.2
3.6
4.0
60
240
0
160
200
40
20
80
100
120
140
180
220
VIN = 5.0 V
(PINS 2, 3)
VCC = 5.0 V
IIN
VCC = 5.0 V
IOL = 4.2 mA
VOL
VCC – SUPPLY VOLTAGE – V
2.50
2.00
6.0
4.00
8.0
12.0 14.0
0
3.00
3.50
4.0
20.0
18.0
1.50
1.00
0.50
10.0
16.0
HCPL-0370/3700
VCC – SUPPLY VOLTAGE – V
1.50
6.0
HCPL-370 fig 6b
3.00
8.0
12.0 14.0
0
2.00
2.50
4.0
20.0
18.0
1.00
0.50
10.0
16.0
HCPL-3760


유사한 부품 번호 - HCPL-3760-500E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-3760-500 HP-HCPL-3760-500 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
More results

유사한 설명 - HCPL-3760-500E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760-300E AVAGO-HCPL-3760-300E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
374Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com