전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS107L-F-2 데이터시트(PDF) 3 Page - MORNSUN Science& Technology Ltd.

부품명 TS107L-F-2
상세설명  VOLTAGE SIGNAL INPUT & CURRENT SIGNAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TS107L-F-2 데이터시트(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TS107L-F-2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TS107L-F-2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TS107L-F-2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TS107L-F-2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TxxxxL-F
2013.12.11-A/0
Page
3 of4
2.Typical applications - transmitted signal isolation and conversion
Vo+
Si +
Si -/0V
9
7
Vin
GND
1
2
Signal Transmitter
Voltage Regulator
4mA
RL
VLOOP
Current
Regulator
Rs
A/D
8
+
-
MCU
D/A
Vo
MCU system
Sensor
Signal
Conditioner
Function
The picture shows the way an application module with MCU system together constitute the signal conversion, isolation transfer functions.
Working principle
As shown, the signal conditioning modules VLoop take power from the output circuit for signal input device provides one isolated power Vo +;MCU
for the first stage of the system power supply.The strain sensor output signal after signal conditioning modules into the MCU system, by the MCU
system the collected signal processing, computing, and then the D / A converter, converted to a voltage signal.Module receives the voltage signal,
the internal precision isolation transferred to the output, and converted to 4 ~ 20mA standard signal output to VLoop loop.
The system of the sensor signal to the4~ 20mA standard current signal isolation transmission, the output remotely, using the sampling resistor
RL, the current signal can be converted toa voltage signal, the various instruments of the type of input signal to the output of the module match.
PACKAGING SIZE AND PIN DESCRIPTION
NOTICE
1. Please read the user manual carefully before using. If any question please contact our FAE.
2. Please do not use this product in hazardous area.
3. To avoid invalid explosion protection function, or any failure, disassembling this product is forbidden.
AFTER-SALES SERVICE
1. Products are carefully inspected and quality controlled during production and before shipment. If they operated abnormally or there was
anything wrong, please contact our agent from which you purchased or MORNSUN FAE as soon as possible.
2. MORNSUN warranty our product for 3 years from manufacturing date. During this period, MORNSUN will repair or replace the product if product
was found to have manufacturing defect.


유사한 부품 번호 - TS107L-F-2

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
TS107HL-F-2.5 MORNSUN-TS107HL-F-2.5 Datasheet
902Kb / 5P
   Signal conditioning module
More results

유사한 설명 - TS107L-F-2

제조업체부품명데이터시트상세설명
logo
WAGO Kontakttechnik Gmb...
857-551 WAGO-857-551 Datasheet
1,020Kb / 17P
   Current signal conditioner; Current input signal; Current and voltage output signal;
857-550 WAGO-857-550 Datasheet
1Mb / 18P
   Current signal conditioner; Current input signal; Current and voltage output signal;
857-560 WAGO-857-560 Datasheet
859Kb / 12P
   Voltage signal conditioner; Voltage input signal; Current and voltage output signal;
857-416 WAGO-857-416 Datasheet
610Kb / 11P
   Isolation amplifier; Current input signal; Voltage output signal
857-414 WAGO-857-414 Datasheet
597Kb / 11P
   Isolation amplifier; Voltage input signal; Current output signal;
857-413 WAGO-857-413 Datasheet
596Kb / 11P
   Isolation amplifier; Voltage input signal; Current output signal;
857-569 WAGO-857-569 Datasheet
843Kb / 12P
   Power signal conditioner; Current and voltage input signal; Current and voltage output signal
857-420 WAGO-857-420 Datasheet
680Kb / 10P
   Isolation amplifier; Current input signal; Current and voltage output signal;
857-411 WAGO-857-411 Datasheet
594Kb / 11P
   Isolation amplifier; Current input signal; Current output signal
857-552 WAGO-857-552 Datasheet
852Kb / 12P
   Current signal conditioner; Input for Rogowski coils; Current and voltage output signal
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com