전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U0603C471JNT 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 U0603C471JNT
상세설명  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

U0603C471JNT 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  U0603C471JNT Datasheet HTML 1Page - List of Unclassifed Manufacturers U0603C471JNT Datasheet HTML 2Page - List of Unclassifed Manufacturers U0603C471JNT Datasheet HTML 3Page - List of Unclassifed Manufacturers U0603C471JNT Datasheet HTML 4Page - List of Unclassifed Manufacturers U0603C471JNT Datasheet HTML 5Page - List of Unclassifed Manufacturers U0603C471JNT Datasheet HTML 6Page - List of Unclassifed Manufacturers U0603C471JNT Datasheet HTML 7Page - List of Unclassifed Manufacturers U0603C471JNT Datasheet HTML 8Page - List of Unclassifed Manufacturers U0603C471JNT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 3
27/04/06 V1.0
Structure
Ag/Pd Series
Number
Specifications
Material
Minimum Termination
Plating Thickness
(
µµ m)
1
Ceramic Dielectric
Ceramic
2
Internal Electrode
Ag-Pd
3
End Terminal
Ag layer
40
4
Ni layer
1.5 - 3.5
5
Sn-Pb layer or Sn layer
3 - 8
BME Series
Number
Specifications
Material
Minimum Termination
Plating Thickness
(
µµ m)
1
Ceramic Dielectric
Ceramic
2
Internal Electrode
Ni
3
End Termination
Cu layer
40
4
Ni layer
1.5 - 3.5
5
Sn-Pb layer or Sn layer
3 - 8
Storing Condition And Term
Recommends the storing of products within 6 months at temperature 15 ~ 35°C and humidity 70%RH maximum. If the product stored
over 6 months, please reconfirm its solderability before use.


유사한 부품 번호 - U0603C471JNT

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
U0603C220BCT ETC2-U0603C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220BCT ETC2-U0603C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220CCT ETC2-U0603C220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220DCT ETC2-U0603C220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220FCT ETC2-U0603C220FCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

유사한 설명 - U0603C471JNT

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com