전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3475 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM3475
상세설명  Hysteretic PFET Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3475 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM3475_14 Datasheet HTML 4Page - Texas Instruments LM3475_14 Datasheet HTML 5Page - Texas Instruments LM3475_14 Datasheet HTML 6Page - Texas Instruments LM3475_14 Datasheet HTML 7Page - Texas Instruments LM3475_14 Datasheet HTML 8Page - Texas Instruments LM3475_14 Datasheet HTML 9Page - Texas Instruments LM3475_14 Datasheet HTML 10Page - Texas Instruments LM3475_14 Datasheet HTML 11Page - Texas Instruments LM3475_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
td
VOUT
(DC)
VHYST
VOUT
ripple
VIN
-VD
tON
Switch Voltage
Iout
'IL
Inductor Current
Output Voltage
tOFF
td
LM3475
SNVS239A – OCTOBER 2004 – REVISED JANUARY 2005
www.ti.com
Figure 12. Hysteretic Waveforms
The LM3475 operates in discontinuous conduction mode at light load current and continuous conduction mode at
heavy load current. In discontinuous conduction mode, current through the inductor starts at zero and ramps up
to the peak, then ramps down to zero. The next cycle starts when the FB voltage reaches the reference voltage.
Until then, the inductor current remains zero. Operating frequency is low, as are switching losses. In continuous
conduction mode, current always flows through the inductor and never ramps down to zero.
SOFT-START
The LM3475 includes an internal soft-start function to protect components from excessive inrush current and
output voltage overshoot. As VIN rises above 2.7V (typical), the internal bias circuitry becomes active. When EN
goes high, the device enters soft-start. During soft-start, the reference voltage is ramped up to the nominal value
of 0.8V in approximately 4ms. Duty cycle and output voltage will increase as the reference voltage is ramped up.
UNDER VOLTAGE DETECTION
When the output voltage falls below 70% (typical) of the normal voltage, as measured at the FB pin, the device
turns off PFET and restarts a new soft-start cycle. In short circuit, the PFET is always on, and the converter is
effectively a resistor divider from input to output to ground. Whether the part restarts depends on the power path
resistance and the short circuit resistance. This feature should not be considered as overcurrent protection or
output short circuit protection.
PGATE
During switching, the PGATE pin swings from VIN (off) to ground (on). As input voltage increases, the time it
takes to slew the gate of the PFET on and off also increases. Also, as the PFET gate voltage approaches VIN,
the PGATE current driving capability decreases. This can cause a significant additional delay in turning the
switch off when using a PFET with a low threshold voltage. These two effects will increase power dissipation and
reduce efficiency. Therefore, a PFET with relatively high threshold voltage and low gate capacitance is
recommended.
MINIMUM ON/OFF TIME
To ensure accurate comparator switching, the LM3475 imposes a blanking time after each comparator state
change. This blanking time is 180ns typically. Immediately after the comparator goes high or low, it will be held in
that state for the duration of the blanking time. This helps keep the hysteretic comparator from improperly
responding to switching noise spikes (See REDUCING SWITCHING NOISE) and ESL spikes (See OUTPUT
CAPACITOR SELECTION) at the output.
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM3475


유사한 부품 번호 - LM3475_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results

유사한 설명 - LM3475_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com