전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3489 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3489
상세설명  Hysteretic PFET Buck Controller with Enable Pin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3489 Datasheet HTML 6Page - Texas Instruments LM3489 Datasheet HTML 7Page - Texas Instruments LM3489 Datasheet HTML 8Page - Texas Instruments LM3489 Datasheet HTML 9Page - Texas Instruments LM3489 Datasheet HTML 10Page - Texas Instruments LM3489 Datasheet HTML 11Page - Texas Instruments LM3489 Datasheet HTML 12Page - Texas Instruments LM3489 Datasheet HTML 13Page - Texas Instruments LM3489 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
INPUT VOLTAGE - OUTPUT VOLTAGE (V)
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
L=10PH
L=4.7PH
L=22PH
LM3489
SNVS443A – MAY 2006 – REVISED JUNE 2008
www.ti.com
Operating frequency (F) is determined by knowing the input voltage, output voltage, inductor, VHYST, ESR
(Equivalent Series Resistance) of output capacitor, and the delay. It can be approximately calculated using the
formula:
(4)
where:
α: (R1 + R2) / R2
delay: It includes the LM3489 propagation delay time and
the PFET delay time. The propagation delay is
90ns
typically. (See the Propagation Delay curve below.)
Figure 3. Propagation Delay
The operating frequency and output ripple voltage can also be significantly influenced by the speed up capacitor
(Cff). Cff is connected in parallel with the high side feedback resistor, R1. The location of this capacitor is similar
to where a phase lead capacitor would be located in a PWM control scheme. However it's effect on hysteretic
operation is much different. Cff effectively shorts out R1 at the switching frequency and applies the full output
ripple to the FB pin without dividing by the R2/R1 ratio. The end result is a reduction in output ripple and an
increase in operating frequency. When adding Cff, calculate the formula above with
α = 1. The value of Cff
depend on the desired operating frequency and the value of R2. A good starting point is 470pF ceramic at
100kHz decreasing linearly with increased operating frequency. Also note that as the output voltage is
programmed below 2.5V, the effect of Cff will decrease significantly.
CURRENT LIMIT OPERATION
The LM3489 has a cycle-by-cycle current limit. Current limit is sensed across the VDS of the PFET or across an
additional sense resistor. When current limit is activated, the LM3489 turns off the external PFET for a period of
9µs(typical). The current limit is adjusted by an external resistor, RADJ.
The current limit circuit is composed of the ISENSE comparator and the one-shot pulse generator. The positive
input of the ISENSE comparator is the ADJ pin. An internal 5.5µA current sink creates a voltage across the
external RADJ resistor. This voltage is compared to the voltage across the PFET or sense resistor. The ADJ
voltage can be calculated as follows:
VADJ = VIN − (RADJ x 3.0µA)
(5)
Where 3.0µA is the minimum ICL-ADJ value.
The negative input of the ISENSE comparator is the ISENSE pin that should be connected to the drain of the
external PFET. The inductor current is determined by sensing the VDS. It can be calculated as follows.
VISENSE = VIN − (RDSON x IIND_PEAK) = VIN − VDS
(6)
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LM3489


유사한 부품 번호 - LM3489

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
LM3489-Q1 TI-LM3489-Q1 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3489MM NSC-LM3489MM Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
More results

유사한 설명 - LM3489

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com