전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25011 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25011
상세설명  42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25011 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM25011 Datasheet HTML 6Page - Texas Instruments LM25011 Datasheet HTML 7Page - Texas Instruments LM25011 Datasheet HTML 8Page - Texas Instruments LM25011 Datasheet HTML 9Page - Texas Instruments LM25011 Datasheet HTML 10Page - Texas Instruments LM25011 Datasheet HTML 11Page - Texas Instruments LM25011 Datasheet HTML 12Page - Texas Instruments LM25011 Datasheet HTML 13Page - Texas Instruments LM25011 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
RT =
VOUT - (VIN x FS x 15 ns)
FS x 4.1 x 10
-11
- 500:
tON =
(VIN)
4.1 x 10
-11
x (RT + 500:)
+ 15 ns
FS =
VOUT
2 x L1 x 1.19 x 1021
RL x RT
2
DC =
tON
tON + tOFF
=
= tON x FS
VOUT
VIN
FS =
VOUT
(4.1 x 10
-11
x (RT + 0.5k)) + (VIN x 15 ns)
LM25011, LM25011-Q1
SNVS617F – MAY 2009 – REVISED JANUARY 2011
www.ti.com
CONTROL CIRCUIT OVERVIEW
The LM25011 buck regulator employs a control principle based on a comparator and a one-shot on-timer, with
the output voltage feedback (FB) compared to an internal reference (2.51V). If the FB voltage is below the
reference the internal buck switch is switched on for the one-shot timer period, which is a function of the input
voltage and the programming resistor (RT). Following the on-time the switch remains off until the FB voltage falls
below the reference, but never less than the minimum off-time forced by the off-time one-shot timer. When the
FB pin voltage falls below the reference and the off-time one-shot period expires, the buck switch is then turned
on for another on-time one-shot period.
When in regulation, the LM25011 operates in continuous conduction mode at heavy load currents and
discontinuous conduction mode at light load currents. In continuous conduction mode the inductor’s current is
always greater than zero, and the operating frequency remains relatively constant with load and line variations.
The minimum load current for continuous conduction mode is one-half the inductor’s ripple current amplitude.
The approximate operating frequency is calculated as follows:
(1)
The buck switch duty cycle is approximately equal to:
(2)
When the load current is less than one half the inductor’s ripple current amplitude the circuit operates in
discontinuous conduction mode. The off-time is longer than in continuous conduction mode while the inductor
current is zero, causing the switching frequency to reduce as the load current is reduced. Conversion efficiency is
maintained at light loads since the switching losses are reduced with the reduction in load and frequency. The
approximate discontinuous operating frequency can be calculated as follows:
(3)
where RL = the load resistance, and L1 is the circuit’s inductor.
The output voltage is set by the two feedback resistors (RFB1, RFB2 in the Block Diagram). The regulated output
voltage is calculated as follows:
VOUT = 2.51V x (RFB1 + RFB2) / RFB1
(4)
Ripple voltage, which is required at the input of the regulation comparator for proper output regulation, is
generated internally in the LM25011, and externally when the LM25011A is used. In the LM25011 the ERM
(Emulated Ripple Mode) control circuit generates the required internal ripple voltage from the ripple waveform at
the CS pin. The LM25011A, which is designed for higher frequency operation, requires additional ripple voltage,
which must be generated externally and provided to the FB pin. This is described in the Applications Information
section.
ON-TIME TIMER
The on-time for the LM25011/LM25011A is determined by the RT resistor and the input voltage (VIN), calculated
from:
(5)
The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. To set a specific
continuous conduction mode switching frequency (FS), the RT resistor is determined from the following:
(6)
10
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM25011 LM25011-Q1


유사한 부품 번호 - LM25011

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011 TI-LM25011 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI-LM25011 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011-Q1 TI-LM25011-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011-Q1 TI-LM25011-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

유사한 설명 - LM25011

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com