전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25574Q 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM25574Q
상세설명  SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25574Q 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM25574Q Datasheet HTML 6Page - Texas Instruments LM25574Q Datasheet HTML 7Page - Texas Instruments LM25574Q Datasheet HTML 8Page - Texas Instruments LM25574Q Datasheet HTML 9Page - Texas Instruments LM25574Q Datasheet HTML 10Page - Texas Instruments LM25574Q Datasheet HTML 11Page - Texas Instruments LM25574Q Datasheet HTML 12Page - Texas Instruments LM25574Q Datasheet HTML 13Page - Texas Instruments LM25574Q Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SYNC
LM25574
UP TO 5 TOTAL
DEVICES
LM25574
SYNC
SYNC
AGND
LM25574
SW
CLK
SYNC
SW
500 ns
RT =
- 580 x 10
-9
135 x 10
-12
F
1
LM25574
SNVS483F – JANUARY 2007 – REVISED FEBRUARY 2009
www.ti.com
The SD pin can also be used to implement various remote enable / disable functions. Pulling the SD pin below
the 0.7V threshold totally disables the controller. If the SD pin voltage is above 1.225V the regulator will be
operational.
Oscillator and Sync Capability
The LM25574 oscillator frequency is set by a single external resistor connected between the RT pin and the
AGND pin. The RT resistor should be located very close to the device and connected directly to the pins of the IC
(RT and AGND).To set a desired oscillator frequency (F), the necessary value for the RT resistor can be
calculated from the following equation:
(1)
The SYNC pin can be used to synchronize the internal oscillator to an external clock. The external clock must be
of higher frequency than the free-running frequency set by the RT resistor. A clock circuit with an open drain
output is the recommended interface from the external clock to the SYNC pin. The clock pulse duration should
be greater than 15ns.
Figure 3. Sync from External Clock
Figure 4. Sync from Multiple Devices
Multiple LM25574 devices can be synchronized together simply by connecting the SYNC pins together. In this
configuration all of the devices will be synchronized to the highest frequency device. The diagram in Figure 5
illustrates the SYNC input/output features of the LM25574. The internal oscillator circuit drives the SYNC pin with
a strong pull-down / weak pull-up inverter. When the SYNC pin is pulled low either by the internal oscillator or an
external clock, the ramp cycle of the oscillator is terminated and a new oscillator cycle begins. Thus, if the SYNC
pins of several LM25574 IC’s are connected together, the IC with the highest internal clock frequency will pull the
connected SYNC pins low first and terminate the oscillator ramp cycles of the other IC’s. The LM25574 with the
highest programmed clock frequency will serve as the master and control the switching frequency of the all the
devices with lower oscillator frequency.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM25574


유사한 부품 번호 - LM25574Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25574Q0MT TI-LM25574Q0MT Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574Q0MT TI-LM25574Q0MT Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574Q0MT/NOPB TI1-LM25574Q0MT/NOPB Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574Q0MTX TI-LM25574Q0MTX Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574Q0MTX TI-LM25574Q0MTX Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results

유사한 설명 - LM25574Q

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com