전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26001 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM26001
상세설명  1.5A Switching Regulator with High Efficiency Sleep Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM26001 데이터시트(HTML) 5 Page - Texas Instruments

  LM26001 Datasheet HTML 1Page - Texas Instruments LM26001 Datasheet HTML 2Page - Texas Instruments LM26001 Datasheet HTML 3Page - Texas Instruments LM26001 Datasheet HTML 4Page - Texas Instruments LM26001 Datasheet HTML 5Page - Texas Instruments LM26001 Datasheet HTML 6Page - Texas Instruments LM26001 Datasheet HTML 7Page - Texas Instruments LM26001 Datasheet HTML 8Page - Texas Instruments LM26001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM26001, LM26001Q
www.ti.com
SNVS430F – MAY 2006 – REVISED NOVEMBER 2010
Electrical Characteristics (continued)
Specifications in standard type are for TJ = 25°C only, and limits in boldface type apply over the junction temperature (TJ)
range of -40°C to +125°C. Unless otherwise stated, Vin=12V. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IPGOOD_HI
PGOOD leakage current
PGOOD = 5V
0.2
nA
RDS_PGOOD
PGOOD on resistance
PGOOD sink current = 500 µA
64
VUVLO
Under-voltage Lock-Out Threshold
Vin falling , shutdown, VDD = VIN
2.60
2.9
3.20
V
Vin rising, soft-start, VDD = VIN
3.60
3.9
4.20
TSD
Thermal Shutdown Threshold
160
°C
θJA
Thermal resistance
Power dissipation = 1W, 0 lfpm air
38
°C/W
flow
Logic
VthEN
Enable Threshold voltage
0.8
1.2
1.4
V
Enable hysteresis
120
mV
IEN_Source
EN source current
EN = 0V
4.5
µA
VTH_FPWM
FPWM threshold
0.8
1.2
1.6
V
IFPWM
FPWM leakage current
FPWM = 5V
35
nA
EA
gm
Error amp trans-conductance
400
670
1000
µmho
ICOMP
COMP source current
VCOMP = 0.9V
56
µA
COMP sink current
VCOMP = 0.9V
56
µA
VCOMP
COMP pin voltage range
0.64
1.27
V
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM26001 LM26001Q


유사한 부품 번호 - LM26001

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI-LM26001 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
LM26001-Q1 TI-LM26001-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
More results

유사한 설명 - LM26001

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com