전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD12S520 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPD12S520
상세설명  Single-Chip HDMI Receiver Port Protection and Interface Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S520 데이터시트(HTML) 3 Page - Texas Instruments

  TPD12S520_14 Datasheet HTML 1Page - Texas Instruments TPD12S520_14 Datasheet HTML 2Page - Texas Instruments TPD12S520_14 Datasheet HTML 3Page - Texas Instruments TPD12S520_14 Datasheet HTML 4Page - Texas Instruments TPD12S520_14 Datasheet HTML 5Page - Texas Instruments TPD12S520_14 Datasheet HTML 6Page - Texas Instruments TPD12S520_14 Datasheet HTML 7Page - Texas Instruments TPD12S520_14 Datasheet HTML 8Page - Texas Instruments TPD12S520_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Core Scalar
Chip
D3-
GND
D3+
D2-
GND
D2+
D1-
GND
D1+
D0-
GND
D0+
HTP_D
5 V
GND
D_DAT
D_CLK
NC
CE_R
5 V
5 V
3.3 V
0.1 uF 0.1 uF
0.1 uF
0.1 uF
5 V
VLV
VLV
VLV
VLV
VLV
VLV
100 kW
47 kW
47 kW
47 kW
47 kW
47 kW
1 kW
27 kW
10 kW
HPD_IN
DDAT_IN
DCLK_IN
CEC_IN
HPD_OUT
DDAT_OUT
DCLK_OUT
CEC_OUT
LV_SUPPLY
5V_SUPPLY
ESD_BYP
NC
Board Traces
VIA ConnectedtoLVPlane
VIA Connectedto5VPlane
VIA ConnectedtoGNDPlane
GND
5Vout
High-speedlines
Controllines
1
38
20
TPD12S520
HDMICoreChip
HDMI
Connector
19
CLK–
GND
CLK+
D0–
GND
D0+
D1–
GND
D1+
D2–
GND
D2+
HTDT
5OUT
GND
D_DT
D_CK
NC
CE_R
TPD12S520
www.ti.com
SLVS640D – OCTOBER 2007 – REVISED DECEMBER 2013
A.
External bypass capacitors and resistor components not included
Figure 2. Board Layout for HDMI Transmitter Using TPD12S520DBTR
A.
VLV = supply voltage of the core scalar chip
Figure 3. Application Schematic Showing Pins Requiring External Components: HDMI Receiver Side
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD12S520


유사한 부품 번호 - TPD12S520_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
More results

유사한 설명 - TPD12S520_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com