전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2598 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM2598
상세설명  SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM2598_13 Datasheet HTML 7Page - Texas Instruments LM2598_13 Datasheet HTML 8Page - Texas Instruments LM2598_13 Datasheet HTML 9Page - Texas Instruments LM2598_13 Datasheet HTML 10Page - Texas Instruments LM2598_13 Datasheet HTML 11Page - Texas Instruments LM2598_13 Datasheet HTML 12Page - Texas Instruments LM2598_13 Datasheet HTML 13Page - Texas Instruments LM2598_13 Datasheet HTML 14Page - Texas Instruments LM2598_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
LM2598
www.ti.com
SNVS125C – MARCH 1998 – REVISED APRIL 2013
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
Component Values shown are for VIN = 15V, VOUT = 5V, ILOAD = 1A.
120
μF, 50V, Aluminum Electrolytic Nichicon “PL Series”
120
μF, 35V Aluminum Electrolytic, Nichicon “PL Series”
3A, 40V Schottky Rectifier, 1N5822
68
μH, L30
Typical Values
*CSS:
— 0.1
μF
CDELAY: — 0.1 μF
RPull Up: — 4.7k
Adjustable Output Voltage Versions
where VREF = 1.23V
Select R1 to be approximately 1kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 1A.
CIN — 120 μF, 35V, Aluminum Electrolytic Nichicon “PL Series”
COUT — 120 μF, 35V Aluminum Electrolytic, Nichicon “PL Series”
D1
—3A, 40V Schottky Rectifier, 1N5822
L1
—100
μH, L29
R1 —1 kΩ, 1%
R2 —7.15k, 1%
CFF —3.3 nF, See Application Information Section
RFF —3 kΩ, See Application Information Section
Typical Values
CSS—0.1 μF
CDELAY—0.1 μF
RPULL UP—4.7k
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2598


유사한 부품 번호 - LM2598_13

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2598S-12 NSC-LM2598S-12 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598S-12/NOPB TI1-LM2598S-12/NOPB Datasheet
2Mb / 47P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
logo
National Semiconductor ...
LM2598S-3.3 NSC-LM2598S-3.3 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598S-3.3/NOPB TI1-LM2598S-3.3/NOPB Datasheet
2Mb / 47P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
logo
National Semiconductor ...
LM2598S-5.0 NSC-LM2598S-5.0 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
More results

유사한 설명 - LM2598_13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2590HV-AQ NSC-LM2590HV-AQ Datasheet
885Kb / 22P
   SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2590HVSX-5.0-NOPB TI1-LM2590HVSX-5.0-NOPB Datasheet
788Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com