전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3103 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM3103
상세설명  SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3103 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3103_14 Datasheet HTML 6Page - Texas Instruments LM3103_14 Datasheet HTML 7Page - Texas Instruments LM3103_14 Datasheet HTML 8Page - Texas Instruments LM3103_14 Datasheet HTML 9Page - Texas Instruments LM3103_14 Datasheet HTML 10Page - Texas Instruments LM3103_14 Datasheet HTML 11Page - Texas Instruments LM3103_14 Datasheet HTML 12Page - Texas Instruments LM3103_14 Datasheet HTML 13Page - Texas Instruments LM3103_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ILR =
L
(VIN - VOUT) x ton
fSW(MAX) =
VOUT
VIN(MAX) x 100 ns
LM3103
SNVS523E – SEPTEMBER 2007 – REVISED NOVEMBER 2009
www.ti.com
The inverse relationship of ton and VIN gives a nearly constant frequency as VIN is varied. RON should be selected
such that the on-time at maximum VIN is greater than 100 ns. The on-timer has a limiter to ensure a minimum of
100 ns for ton. This limits the maximum operating frequency, which is governed by the following equation:
(5)
The LM3103 can be remotely shut down by pulling the voltage of the EN pin below 1.6V. In this shutdown mode,
the SS pin is internally grounded, the on-timer is disabled, and bias currents are reduced. Releasing the EN pin
allows normal operation to resume because the EN pin is internally pulled up.
Figure 20. Shutdown Implementation
Current Limit
Current limit detection is carried out during the off-time by monitoring the re-circulating current through the
synchronous MOSFET. Referring to the Functional Block Diagram, when the main MOSFET is turned off, the
inductor current flows through the load, the PGND pin and the internal synchronous MOSFET. If this current
exceeds 0.9A, the current limit comparator toggles, and as a result the start of the next on-time period is
disabled. The next switching cycle starts when the re-circulating current falls back below 0.9A (and the voltage at
the FB pin is below 0.6V). The inductor current is monitored during the on-time of the synchronous MOSFET. As
long as the inductor current exceeds 0.9A, the main MOSFET will remain inhibited to achieve current limit. The
operating frequency is lower during current limit owing to a longer off-time.
Figure 21 illustrates an inductor current waveform. On average, the output current IOUT is the same as the
inductor current IL, which is the average of the rippled inductor current. In case of current limit (the current limit
portion of Figure 21), the next on-time will not initiate until that the current drops below 0.9A (assume the voltage
at the FB pin is lower than 0.6V). During each on-time the current ramps up an amount equal to:
(6)
During current limit, the LM3103 operates in a constant current mode with an average output current IOUT(CL)
equal to 0.9A + ILR / 2.
Figure 21. Inductor Current - Current Limit Operation
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM3103


유사한 부품 번호 - LM3103_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3103MH NSC-LM3103MH Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MH/NOPB TI1-LM3103MH/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103MHX NSC-LM3103MHX Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MHX/NOPB TI1-LM3103MHX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results

유사한 설명 - LM3103_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com