전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3485 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3485
상세설명  Hysteretic PFET Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3485 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3485 Datasheet HTML 6Page - Texas Instruments LM3485 Datasheet HTML 7Page - Texas Instruments LM3485 Datasheet HTML 8Page - Texas Instruments LM3485 Datasheet HTML 9Page - Texas Instruments LM3485 Datasheet HTML 10Page - Texas Instruments LM3485 Datasheet HTML 11Page - Texas Instruments LM3485 Datasheet HTML 12Page - Texas Instruments LM3485 Datasheet HTML 13Page - Texas Instruments LM3485 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM3485
SNVS178F – MAY 2004 – REVISED SEPTEMBER 2009
www.ti.com
Figure 4. Current Sensing by VDS
The current limit is activated when the voltage at the ADJ pin exceeds the voltage at the ISENSE pin. The ISENSE
comparator triggers the 9µs one shot pulse generator forcing the driver to turn the PFET off. The driver turns the
PFET back on after 9µs. If the current has not reduced below the set threshold, the cycle will repeat
continuously.
A filter capacitor, CADJ, should be placed as shown in Figure 4. CADJ filters unwanted noise so that the ISENSE
comparator will not be accidentally triggered. A value of 100pF to 1nF is recommended in most applications.
Higher values can be used to create a soft-start function (See Start Up section).
The current limit comparator has approximately 100ns of blanking time. This ensures that the PFET is fully on
when the current is sensed. However, under extreme conditions such as cold temperature, some PFETs may not
fully turn on within the blanking time. In this case, the current limit threshold must be increased. If the current limit
function is used, the on time must be greater than 100ns. Under low duty cycle operation, the maximum
operating frequency will be limited by this minimum on time.
During current limit operation, the output voltage will drop significantly as will operating frequency. As the load
current is reduced, the output will return to the programmed voltage. However, there is a current limit fold back
phenomenon inherent in this current limit architecture. See Figure 5.
Figure 5. Current Limit Fold Back Phenomenon
At high input voltages (>28V) increased undershoot at the switch node can cause an increase in the current limit
threshold. To avoid this problem, a low Vf Schottky catch diode must be used (See Catch Diode Selection).
Additionally, a resistor can be placed between the ISENSE pin and the switch node. Any value up to
approximately 600
Ω is recommended.
START UP
The current limit circuit is active during start-up. During start-up the PFET will stay on until either the current limit
or the feedback comparator is tripped
If the current limit comparator is tripped first then the fold back characteristic should be taken into account. Start-
up into full load may require a higher current limit set point or the load must be applied after start-up.
One problem with selecting a higher current limit is inrush current during start-up. Increasing the capacitance
(CADJ) in parallel with RADJ results in soft-start. CADJ and RADJ create an RC time constant forcing current limit to
activate at a lower current. The output voltage will ramp more slowly when using the soft-start functionality. There
are example start-up plots for CADJ equal to 1nF and 10nF in the Typical Performance Characteristics. Lower
values for CADJ will have little to no effect on soft-start.
10
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Links: LM3485


유사한 부품 번호 - LM3485

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485 Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485 Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485-Q1 TI1-LM3485-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

유사한 설명 - LM3485

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com