전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM21212-2 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM21212-2
상세설명  12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM21212-2 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM21212-2_14 Datasheet HTML 5Page - Texas Instruments LM21212-2_14 Datasheet HTML 6Page - Texas Instruments LM21212-2_14 Datasheet HTML 7Page - Texas Instruments LM21212-2_14 Datasheet HTML 8Page - Texas Instruments LM21212-2_14 Datasheet HTML 9Page - Texas Instruments LM21212-2_14 Datasheet HTML 10Page - Texas Instruments LM21212-2_14 Datasheet HTML 11Page - Texas Instruments LM21212-2_14 Datasheet HTML 12Page - Texas Instruments LM21212-2_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Control
Logic
Over
temp
OSC
RAMP
INT
SS
VREF
+
-
AVIN
EN
FADJ
SS/TRK
FB
COMP
AGND
PGND
PGOOD
SW
PVIN
PWM
comparator
UVLO
Precision
enable
UVP
SD
Ilimit low
Ilimit high
Zero-cross
Driver
OVP
Powerbad
PWM
0.68V
0.54V
AVIN
AVIN
PVIN
PVIN
OR
OR
OR
+
-
+
-
+
-
+
-
+
-
EA
+
-
+
-
Driver
2.7V
1.35V
0.6V
LM21212-2
www.ti.com
SNVS715A – MARCH 2011 – REVISED MARCH 2013
BLOCK DIAGRAM
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM21212-2


유사한 부품 번호 - LM21212-2_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results

유사한 설명 - LM21212-2_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com