전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34914 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM34914
상세설명  Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM34914 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM34914_14 Datasheet HTML 7Page - Texas Instruments LM34914_14 Datasheet HTML 8Page - Texas Instruments LM34914_14 Datasheet HTML 9Page - Texas Instruments LM34914_14 Datasheet HTML 10Page - Texas Instruments LM34914_14 Datasheet HTML 11Page - Texas Instruments LM34914_14 Datasheet HTML 12Page - Texas Instruments LM34914_14 Datasheet HTML 13Page - Texas Instruments LM34914_14 Datasheet HTML 14Page - Texas Instruments LM34914_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
R3(min) =
25 mV x (R1 + R2)
R2 x IOR (min)
IOR (min) =
VOUT x (VIN (min) - VOUT)
L1 x FS x VIN (min)
L1 =
VOUT x (VIN (max) - VOUT)
IOR (max) x FS x VIN (max)
RON t
100 ns x (VIN(MAX) ± 1.5V)
1.15 x 10
-10
- 1.4 k:
LM34914
www.ti.com
SNVS453A – MAY 2007 – REVISED DECEMBER 2007
- Minimum and maximum load current (IOUT(min) and IOUT(max))
- Switching Frequency (FS)
R1 and R2: These resistors set the output voltage. The ratio of these resistors is calculated from:
R1/R2 = (VOUT/2.5V) - 1
(7)
R1 and R2 should be chosen from standard value resistors in the range of 1.0 k
Ω - 10 kΩ which satisfy the
above ratio.
RON: The resistor sets the on-time, and consequently, the switching frequency. Its value can be determined using
equation 5 based on the frequency, or equation 4 if a specific on-time is required. The minimum allowed value for
RON is calculated from:
(8)
L1: The main parameter affected by the inductor is the output current ripple amplitude (IOR). The minimum load
current is used to determine the maximum allowable ripple. In order to maintain continuous conduction mode the
valley should not reach 0 mA. This is not a requirement of the LM34914, but serves as a guideline for selecting
L1. For this case, the maximum ripple current is:
IOR(MAX) = 2 x IOUT(min)
(9)
If the minimum load current is zero, use 20% of IOUT(max) for IOUT(min) in equation 6. The ripple calculated in
Equation 6 is then used in the following equation:
(10)
where Fs is the switching frequency. This provides a minimum value for L1. The next larger standard value
should be used, and L1 should be rated for the peak current level, equal to IOUT(max) + IOR(max)/2.
C2 and R3: Since the LM34914 requires a minimum of 25 mVp-p of ripple at the FB pin for proper operation, the
required ripple at VOUT is increased by R1 and R2. This necessary ripple is created by the inductor ripple current
flowing through R3, and to a lesser extent by C2 and its ESR. The minimum inductor ripple current is calculated
using equation 7, rearranged to solve for IOR at minimum VIN.
(11)
The minimum value for R3 is then equal to:
(12)
Typically R3 is less than 5
Ω. C2 should generally be no smaller than 3.3 µF, although that is dependent on the
frequency and the desired output characteristics. C2 should be a low ESR good quality ceramic capacitor.
Experimentation is usually necessary to determine the minimum value for C2, as the nature of the load may
require a larger value. A load which creates significant transients requires a larger value for C2 than a non-
varying load.
D1: A Schottky diode is recommended. Ultra-fast recovery diodes are not recommended as the high speed
transitions at the SW pin may inadvertently affect the IC’s operation through external or internal EMI. The diode
should be rated for the maximum input voltage (VIN(max)), the maximum load current (IOUT(max)), and the peak
current which occurs when the current limit and maximum ripple current are reached simultaneously. The diode’s
average power dissipation is calculated from:
PD1 = VF x IOUT x (1-D)
(13)
where VF is the diode's forward voltage drop, and D is the duty cycle.
C1 and C5: C1’s purpose is to supply most of the switch current during the on-time, and limit the voltage ripple
at VIN, on the assumption that the voltage source feeding VIN has an output impedance greater than zero. If the
source’s dynamic impedance is high (effectively a current source), it supplies the average input current, but not
the ripple current.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM34914


유사한 부품 번호 - LM34914_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
More results

유사한 설명 - LM34914_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Linear Technology
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com