전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3501 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM3501
상세설명  Synchronous Step-up DC/DC Converter for White LED Applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 데이터시트(HTML) 4 Page - Texas Instruments

  LM3501_14 Datasheet HTML 1Page - Texas Instruments LM3501_14 Datasheet HTML 2Page - Texas Instruments LM3501_14 Datasheet HTML 3Page - Texas Instruments LM3501_14 Datasheet HTML 4Page - Texas Instruments LM3501_14 Datasheet HTML 5Page - Texas Instruments LM3501_14 Datasheet HTML 6Page - Texas Instruments LM3501_14 Datasheet HTML 7Page - Texas Instruments LM3501_14 Datasheet HTML 8Page - Texas Instruments LM3501_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM3501
SNVS230B – MAY 2004 – REVISED MAY 2005
www.ti.com
Operating Conditions (continued)
CNTRL Max.
2.7V
Thermal Properties
Junction to Ambient Thermal Resistance (
θJA)
(1)
75°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is highly application and board-layout dependent. The 75ºC/W figure provided was
measured on a 4-layer test board conforming to JEDEC standards. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues when designing the board layout.
4
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM3501


유사한 부품 번호 - LM3501_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3501TL-16 NSC-LM3501TL-16 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501TL-16/NOPB TI1-LM3501TL-16/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3501TL-21 NSC-LM3501TL-21 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501TL-21/NOPB TI1-LM3501TL-21/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3501TLX-16 NSC-LM3501TLX-16 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
More results

유사한 설명 - LM3501_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com