전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM21305 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM21305
상세설명  5A Adjustable Frequency Synchronous Buck Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM21305 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM21305_14 Datasheet HTML 6Page - Texas Instruments LM21305_14 Datasheet HTML 7Page - Texas Instruments LM21305_14 Datasheet HTML 8Page - Texas Instruments LM21305_14 Datasheet HTML 9Page - Texas Instruments LM21305_14 Datasheet HTML 10Page - Texas Instruments LM21305_14 Datasheet HTML 11Page - Texas Instruments LM21305_14 Datasheet HTML 12Page - Texas Instruments LM21305_14 Datasheet HTML 13Page - Texas Instruments LM21305_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LM21305
FREQ
RFRQ
External
Clock
CFRQ
LM21305
FREQ
RFRQ
CFRQ
LM21305
SNVS639F – DECEMBER 2009 – REVISED MARCH 2013
www.ti.com
PEAK CURRENT-MODE CONTROL
In most applications, the peak current-mode control architecture used in the LM21305 only requires two external
components to achieve a stable design. External compensation allows the user to set the crossover frequency
and phase margin, thus optimizing the transient performance of the device. For duty cycles above 50%, all peak
current-mode control buck converters require the addition of an artificial ramp to avoid sub-harmonic oscillation.
This linear ramp is commonly referred to as slope compensation. The amount of slope compensation in the
LM21305 will automatically change depending on the switching frequency: the higher the switching frequency,
the larger the slope compensation. This allows smaller inductors to be used with high switching frequency to
increase the power density.
SWITCHING FREQUENCY SETTING AND SYNCHRONIZATION
The LM21305 switching regulator can operate at a frequency ranging from 300 kHz to 1.5 MHz. The switching
frequency can be set / controlled in two ways. One is by selecting the external resistor attached to the FREQ pin
to set the internal oscillator frequency which controls the switching frequency. An external 100 pF capacitor,
CFRQ, should also be connected from the FREQ pin to analog ground as a noise filter, as shown in Figure 20.
Figure 20. Switching Frequency set by External Resistor
The other way is to synchronize the switching frequency to an external clock in the range of 300 kHz to 1.5 MHz.
The external clock should be applied through a 100 pF coupling capacitor, CFRQ, as shown in Figure 21.
Figure 21. Switching Frequency Synchronized to External Clock
The recommendations for the external clock include peak-to-peak voltage above 1.5V, duty cycle between 20%
and 80%, and the edge rate faster than 100 ns. Circuits that use an external clock should still have a resistor
connected from the FREQ pin to analog ground. The external clock frequency should be within -10% to +50% of
the frequency set by RFRQ. This allows the regulator to continue operating at approximately the same switching
frequency if the external clock fails and the coupling capacitor on the clock side is grounded or pulled to logic
high.
If the external clock fails low, timeout circuits will prevent the high-side FET from staying off for longer than 1.5
times the switching period (switching period Ts = 1/fs). At the end of this timeout period, the regulator will begin to
switch at the frequency set by RFRQ.
If the external clock fails high, timeout circuits will again prevent the high-side FET from staying off longer than
1.5 times the switching period. After this timeout period, the internal oscillator takes over and switches at a fixed
1 MHz until the voltage on the FREQ pin has decayed to approximately 0.6V. This decay follows the time
constant of CFRQ and RFRQ, and once it is complete the regulator will switch at the frequency set by RFRQ.
LIGHT-LOAD OPERATION
The LM21305 offers increased efficiency at light loads by allowing Discontinuous Conduction Mode (DCM).
When the load current is less than half of the inductor ripple current, the device will enter DCM thus preventing
negative inductor current. The current at which this occurs is the critical conduction boundary and can be
calculated according to the following equation:
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM21305


유사한 부품 번호 - LM21305_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
More results

유사한 설명 - LM21305_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com