전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34917A 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM34917A
상세설명  Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM34917A 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM34917A_14 Datasheet HTML 3Page - Texas Instruments LM34917A_14 Datasheet HTML 4Page - Texas Instruments LM34917A_14 Datasheet HTML 5Page - Texas Instruments LM34917A_14 Datasheet HTML 6Page - Texas Instruments LM34917A_14 Datasheet HTML 7Page - Texas Instruments LM34917A_14 Datasheet HTML 8Page - Texas Instruments LM34917A_14 Datasheet HTML 9Page - Texas Instruments LM34917A_14 Datasheet HTML 10Page - Texas Instruments LM34917A_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UVLO
VIN
VCC
SW Pin
Inductor
Current
SS Pin
t2
VOUT
7.0V
2.5V
t1
LM34917A
www.ti.com
SNOSAX7C – DECEMBER 2007 – REVISED MAY 2008
Figure 3. Startup Sequence
Functional Description
The LM34917A Step Down Switching Regulator features all the functions needed to implement a low cost,
efficient buck bias power converter capable of supplying at least 1.25A to the load. This high voltage regulator
contains an N-Channel buck switch, is easy to implement, and is available in the micro SMD package. The
regulator’s operation is based on a constant on-time control scheme where the on-time is inversely proportional
to the input voltage. This feature results in the operating frequency remaining relatively constant with load and
input voltage variations. The feedback control scheme requires no loop compensation resulting in very fast load
transient response. The valley current limit scheme protects against excessively high currents if the output is
short circuited when VIN is high. To aid in controlling excessive switch current due to a possible saturating
inductor the valley current limit threshold changes with input and output voltages, and the on-time is reduced by
approximately 50% when current limit is detected. An over-voltage detection at VIN stops the circuit's switching
when the input voltage exceeds 34.8V. The LM34917A can be applied in numerous applications to efficiently
regulate down higher voltages. Additional features include: Thermal shutdown, VCC under-voltage lock-out, gate
drive under-voltage lock-out, and maximum duty cycle limit.
Control Circuit Overview
The LM34917A buck DC-DC regulator employs a control scheme based on a comparator and a one-shot on-
timer, with the output voltage feedback (FB) compared to an internal reference (2.5V). If the FB voltage is below
the reference the buck switch is switched on for a time period determined by the input voltage and a
programming resistor (RON). Following the on-time the switch remains off until the FB voltage falls below the
reference, but for a time not less than the minimum off-time forced by the LM34917A. The buck switch is then
switched on for another on-time period.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM34917A


유사한 부품 번호 - LM34917A_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results

유사한 설명 - LM34917A_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34930 TI1-LM34930 Datasheet
1Mb / 24P
[Old version datasheet]   1A Constant On-Time Buck Switching Regulator with Intelligent Current
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com