전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ECQ-V1104JM3 데이터시트(PDF) 3 Page - Panasonic Semiconductor

부품명 ECQ-V1104JM3
상세설명  Plastic Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQ-V1104JM3 데이터시트(HTML) 3 Page - Panasonic Semiconductor

  ECQ-V1104JM3 Datasheet HTML 1Page - Panasonic Semiconductor ECQ-V1104JM3 Datasheet HTML 2Page - Panasonic Semiconductor ECQ-V1104JM3 Datasheet HTML 3Page - Panasonic Semiconductor ECQ-V1104JM3 Datasheet HTML 4Page - Panasonic Semiconductor ECQ-V1104JM3 Datasheet HTML 5Page - Panasonic Semiconductor ECQ-V1104JM3 Datasheet HTML 6Page - Panasonic Semiconductor ECQ-V1104JM3 Datasheet HTML 7Page - Panasonic Semiconductor ECQ-V1104JM3 Datasheet HTML 8Page - Panasonic Semiconductor ECQ-V1104JM3 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC31−
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Ammo Box or Reel
●Type ECQV(M) Rated voltage : 63 VDC
0.010
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.012
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.015
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.018
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.022
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.027
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.033
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.039
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.047
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.056
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.068
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.082
7.5
3.2
6.8
10.8
5.0
5.0
0.50
0.10
7.5
3.2
7.0
11.0
5.0
5.0
0.50
0.12
7.5
3.8
7.0
11.0
5.0
5.0
0.50
0.15
7.5
4.1
7.0
11.0
5.0
5.0
0.50
0.18
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.22
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.27
10.2
3.5
9.0
14.0
7.5
5.0
0.50
0.33
10.2
3.8
9.0
14.0
7.5
5.0
0.50
0.39
10.2
4.0
9.0
14.0
7.5
5.0
0.50
0.47
10.2
4.5
9.0
14.0
7.5
5.0
0.50
0.56
10.2
4.9
9.0
14.0
7.5
5.0
0.50
0.68
10.2
5.5
10.0
15.0
7.5
5.0
0.50
0.82
10.2
6.1
10.0
15.0
7.5
5.0
0.50
1.0
10.2
6.9
10.0
15.0
7.5
5.0
0.50
Min. order Q'ty
ECQV1J103JM(
)
ECQV1J123JM(
)
ECQV1J153JM(
)
ECQV1J183JM(
)
ECQV1J223JM(
)
ECQV1J273JM(
)
ECQV1J333JM(
)
ECQV1J393JM(
)
ECQV1J473JM(
)
ECQV1J563JM(
)
ECQV1J683JM(
)
ECQV1J823JM(
)
ECQV1J104JM(
)
ECQV1J124JM(
)
ECQV1J154JM(
)
ECQV1J184JM(
)
ECQV1J224JM(
)
ECQV1J274JM(
)
ECQV1J334JM(
)
ECQV1J394JM(
)
ECQV1J474JM(
)
ECQV1J564JM(
)
ECQV1J684JM(
)
ECQV1J824JM(
)
ECQV1J105JM(
)
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Straight Crimped lead
F
Straight
S
Crimped lead
ød
Taping
Bulk
2000
1000
500
●Type ECQV(M) Rated voltage : 100 VDC
0.010
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.012
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.015
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.018
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.022
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.027
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.033
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.039
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.047
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.056
7.5
3.2
7.0
12.0
5.0
5.0
0.50
0.068
7.5
4.0
7.0
12.0
5.0
5.0
0.50
0.082
7.5
4.1
7.0
12.0
5.0
5.0
0.50
0.10
7.5
4.5
7.0
12.0
5.0
5.0
0.50
0.12
10.2
3.3
9.0
14.0
7.5
5.0
0.50
0.15
10.2
3.3
9.0
14.0
7.5
5.0
0.50
0.18
10.2
3.6
9.0
14.0
7.5
5.0
0.50
0.22
10.2
4.0
9.0
14.0
7.5
5.0
0.50
0.27
10.2
4.2
9.0
14.0
7.5
5.0
0.50
0.33
10.2
4.8
10.0
15.0
7.5
5.0
0.50
0.39
10.2
5.5
10.0
15.0
7.5
5.0
0.50
0.47
10.2
6.8
10.5
15.5
7.5
5.0
0.50
Min. order Q'ty
ECQV1103JM(
)
ECQV1123JM(
)
ECQV1153JM(
)
ECQV1183JM(
)
ECQV1223JM(
)
ECQV1273JM(
)
ECQV1333JM(
)
ECQV1393JM(
)
ECQV1473JM(
)
ECQV1563JM(
)
ECQV1683JM(
)
ECQV1823JM(
)
ECQV1104JM(
)
ECQV1124JM(
)
ECQV1154JM(
)
ECQV1184JM(
)
ECQV1224JM(
)
ECQV1274JM(
)
ECQV1334JM(
)
ECQV1394JM(
)
ECQV1474JM(
)
Part No.
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Straight Crimped lead
F
Straight
S
Crimped lead
ød
Taping
Bulk
2000
1000
2000
1000
500
Suffix for lead crimped or taped type
Style N: 0.010 µF to 0.15 µF
Style T: 0.18 µF to 1.0 µF
Style N: 0.010 µF to 0.10 µF
Style T: 0.12 µF to 0.47 µF
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
31


유사한 부품 번호 - ECQ-V1104JM3

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
More results

유사한 설명 - ECQ-V1104JM3

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com