전자부품 데이터시트 검색엔진 |
|
PZT2222A 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
PZT2222A 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page © 2010 Fairchild Semiconductor Corporation www.fairchildsemi.com PN2222A / MMBT2222A / PZT2222A Rev. A3 2 Electrical Characteristics T a = 25°C unless otherwise noted * Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2.0% Symbol Parameter Test Condition Min. Max. Units Off Characteristics BV(BR)CEO Collector-Emitter Breakdown Voltage * IC = 10mA, IB = 0 40 V BV(BR)CBO Collector-Base Breakdown Voltage IC = 10μA, IE = 0 75 V BV(BR)EBO Emitter-Base Breakdown Voltage IE = 10μA, IC = 0 6.0 V ICEX Collector Cutoff Current VCE = 60V, VEB(off) = 3.0V 10 nA ICBO Collector Cutoff Current VCB = 60V, IE = 0 VCB = 60V, IE = 0, Ta = 125°C 0.01 10 μA μA IEBO Emitter Cutoff Current VEB = 3.0V, IC = 0 10 nA IBL Base Cutoff Current VCE = 60V, VEB(off) = 3.0V 20 nA On Characteristics hFE DC Current Gain IC = 0.1mA, VCE = 10V IC = 1.0mA, VCE = 10V IC = 10mA, VCE = 10V IC = 10mA, VCE = 10V, Ta = -55°C IC = 150mA, VCE = 10V * IC = 150mA, VCE = 1V * IC = 500mA, VCE = 10V * 35 50 75 35 100 50 40 300 VCE(sat) Collector-Emitter Saturation Voltage * IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA 0.3 1.0 V V VBE(sat) Base-Emitter Saturation Voltage * IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA 0.6 1.2 2.0 V V Small Signal Characteristics fT Current Gain Bandwidth Product IC = 20mA, VCE = 20V, f = 100MHz 300 MHz Cobo Output Capacitance VCB = 10V, IE = 0, f = 1MHz 8.0 pF Cibo Input Capacitance VEB = 0.5V, IC = 0, f = 1MHz 25 pF rb’Cc Collector Base Time Constant IC = 20mA, VCB = 20V, f = 31.8MHz 150 pS NF Noise Figure IC = 100μA, VCE = 10V, RS = 1.0KΩ, f = 1.0KHz 4.0 dB Re(hie) Real Part of Common-Emitter High Frequency Input Impedance IC = 20mA, VCE = 20V, f = 300MHz 60 Ω Switching Characteristics td Delay Time VCC = 30V, VEB(off) = 0.5V, IC = 150mA, IB1 = 15mA 10 ns tr Rise Time 25 ns ts Storage Time VCC = 30V, IC = 150mA, IB1 = IB2 = 15mA 225 ns tf Fall Time 60 ns |
유사한 부품 번호 - PZT2222A |
|
유사한 설명 - PZT2222A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |