전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27961 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM27961
상세설명  Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM27961 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM27961 Datasheet HTML 3Page - Texas Instruments LM27961 Datasheet HTML 4Page - Texas Instruments LM27961 Datasheet HTML 5Page - Texas Instruments LM27961 Datasheet HTML 6Page - Texas Instruments LM27961 Datasheet HTML 7Page - Texas Instruments LM27961 Datasheet HTML 8Page - Texas Instruments LM27961 Datasheet HTML 9Page - Texas Instruments LM27961 Datasheet HTML 10Page - Texas Instruments LM27961 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2
2.2
2.4
2.6
2.8
3
3.2
10
30
50
70
90
IPOUT - OUTPUT CURRENT (mA)
TA = 85
oC
VIN = 3.6V
No Diodes Connected
TA = 25
oC
TA = -40
oC
3.5
2.7
4.3
5.1
VIN - INPUT VOLTAGE (V)
60
65
70
75
80
85
90
95
100
3.9
3.1
4.7
5.5
TA = 25
oC
D1A - D4A Enabled
0
IPOUT - OUTPUT CURRENT (mA)
5.1
5.45
90
10
20
30
40
50
60
70
80
5.15
5.2
5.25
5.3
5.35
5.4
TA = 25
oC
VIN = 3.6V
No Diodes Connected
TA = -40
oC
TA = 85
oC
3.5
2.7
4.3
5.1
VIN - INPUT VOLTAGE (V)
3
3.5
4
4.5
5
5.5
6
6.5
7
3.9
3.1
4.7
5.5
TA = 25
oC
D1A - D4A Enabled
LM27961
www.ti.com
SNVS326 – NOVEMBER 2004
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 3.6V; VLEDxA = 3.6V; VLEDxB = 3.6V; ENA = VIN and ENB = GND, or ENA = GND and ENB =
VIN; RSETA = RSETB = 8.35kΩ; CIN, C1, C2 , and CPOUT = 1µF.
Charge Pump Output Voltage
Charge Pump Output Voltage
vs. Output Current
vs. Input Voltage (No Load Current)
Input Current
vs.
Charge Pump Output Resistance
Input Voltage
vs Output Current
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM27961


유사한 부품 번호 - LM27961

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27961TL NSC-LM27961TL Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27961TLX NSC-LM27961TLX Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results

유사한 설명 - LM27961

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796_16 Datasheet
782Kb / 16P
[Old version datasheet]   LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com