전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3503SQ-16NOPB 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM3503SQ-16NOPB
상세설명  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503SQ-16NOPB 데이터시트(HTML) 1 Page - Texas Instruments

  LM3503SQ-16NOPB Datasheet HTML 1Page - Texas Instruments LM3503SQ-16NOPB Datasheet HTML 2Page - Texas Instruments LM3503SQ-16NOPB Datasheet HTML 3Page - Texas Instruments LM3503SQ-16NOPB Datasheet HTML 4Page - Texas Instruments LM3503SQ-16NOPB Datasheet HTML 5Page - Texas Instruments LM3503SQ-16NOPB Datasheet HTML 6Page - Texas Instruments LM3503SQ-16NOPB Datasheet HTML 7Page - Texas Instruments LM3503SQ-16NOPB Datasheet HTML 8Page - Texas Instruments LM3503SQ-16NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM3503-44
VIN
Sw
En1
En2
Fb
Cntrl
AGND
PGND
VOUT1
VOUT2
L
22 PH
D
CIN
4.7 PF
COUT
1 PF
R1
VSUPPLY
MAIN:
2 to 5
LEDs
SUB:
2 to 5
LEDs
Logic
Voltage
Signal
Inputs
LM3503
www.ti.com
SNVS329D – JULY 2005 – REVISED AUGUST 2006
LM3503 Dual-Display Constant Current LED Driver with Analog Brightness Control
Check for Samples: LM3503
1
FEATURES
2
Drives up to 4, 6, 8 or 10 White LEDs for Dual
Low Profile Packages: <1 mm Height
Display Backlighting
10 Bump DSBGA
>80% Peak Efficiency
16 Pin WQFN
Output Voltage Protection Options: 16V, 25V,
35V & 44V
APPLICATIONS
Input Under-Voltage Protection
Dual Display Backlighting in Portable devices
Internal Soft Start Eliminates Inrush Current
Cellular Phones and PDAs
1 MHz Constant Switching Frequency
Analog Brightness Control
Wide Input Voltage Range: 2.5V to 5.5V
DESCRIPTION
The LM3503 is a white LED driver for lighting applications. For dual display backlighting applications, the
LM3503 provides a complete solution. The LM3503 contains two internal white LED current bypass FET (Field
Effect Transistor) switches. The white LED current can be adjusted with a DC voltage from a digital to analog
converter or RC filtered PWM (pulse-width-modulated) signal at the Cntrl pin.
With no external compensation, cycle-by-cycle current limit, output over-voltage protection, input under-voltage
protection, and dynamic white LED current control capability, the LM3503 offers superior performance over other
step-up white LED drivers.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM3503SQ-16NOPB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3503SQ-16 NSC-LM3503SQ-16 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503SQ-16 NSC-LM3503SQ-16 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503SQ-16/NOPB TI1-LM3503SQ-16/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

유사한 설명 - LM3503SQ-16NOPB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com