전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3502SQ-16 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM3502SQ-16
상세설명  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502SQ-16 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM3502SQ-16 Datasheet HTML 2Page - Texas Instruments LM3502SQ-16 Datasheet HTML 3Page - Texas Instruments LM3502SQ-16 Datasheet HTML 4Page - Texas Instruments LM3502SQ-16 Datasheet HTML 5Page - Texas Instruments LM3502SQ-16 Datasheet HTML 6Page - Texas Instruments LM3502SQ-16 Datasheet HTML 7Page - Texas Instruments LM3502SQ-16 Datasheet HTML 8Page - Texas Instruments LM3502SQ-16 Datasheet HTML 9Page - Texas Instruments LM3502SQ-16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Driver Logic
+
-
Oscillator
Current Sense
+
-
Thermal Shutdown
Duty Limit
Reference
Duty Limit
Comparator
Fb
UVP
Comparator
OVP
Comparator
PWM
Comparator
Light Load
Comparator
Light Load
Reference
VIN
Sw
VOUT1
VOUT2
Fb
En2
En1
PGND
Cntrl
AGND
N1
N2
P1
Error
Amplifier
UVP
Reference
OVP
Reference
Current Limit
Soft Start
9
15,16
12
10
14
4
7
6
2,3
13
FET Logic
+
-
+
-
Fb
Reference
Shutdown
Comparator
+
-
+
-
LM3502
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
www.ti.com
Preliminary Electrical Characteristics
(1) (2) (continued)
Limits in standard typeface are for TJ = 25°C. Limits in bold typeface apply over the full operating junction temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified, VIN = 2.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IEn2
En2 Pin Input Bias
En2 = 2.5V
7
14
µA
Current
En2 = 0V
0.1
BLOCK DIAGRAM
Figure 4. Block Diagram
Detailed Description of Operation
The LM3502 utilizes an asynchronous current mode pulse-width-modulation (PWM) control scheme to regulate
the feedback voltage over specified load conditions. The DC/DC converter behaves as a controlled current
source for white LED applications. The operation can best be understood by referring to the block diagram in
Figure 4 for the following operational explanation. At the start of each cycle, the oscillator sets the driver logic
and turns on the internal NMOS power device, N1, conducting current through the inductor and reverse biasing
the external diode. The white LED current is supplied by the output capacitor when the internal NMOS power
device, N1, is turned on. The sum of the error amplifier’s output voltage and an internal voltage ramp are
compared with the sensed power NMOS, N1, switch voltage. Once these voltages are equal, the PWM
6
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM3502


유사한 부품 번호 - LM3502SQ-16

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3502SQ-16 NSC-LM3502SQ-16 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502SQ-16 NSC-LM3502SQ-16 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502SQ-16/NOPB TI1-LM3502SQ-16/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

유사한 설명 - LM3502SQ-16

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com