전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4838DY 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SI4838DY
상세설명  N-Channel 12-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4838DY 데이터시트(HTML) 7 Page - Vishay Siliconix

  SI4838DY Datasheet HTML 1Page - Vishay Siliconix SI4838DY Datasheet HTML 2Page - Vishay Siliconix SI4838DY Datasheet HTML 3Page - Vishay Siliconix SI4838DY Datasheet HTML 4Page - Vishay Siliconix SI4838DY Datasheet HTML 5Page - Vishay Siliconix SI4838DY Datasheet HTML 6Page - Vishay Siliconix SI4838DY Datasheet HTML 7Page - Vishay Siliconix SI4838DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72606
22
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-8
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.172
(4.369)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
Return to Index
Return to Index


유사한 부품 번호 - SI4838DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4838DY VISHAY-SI4838DY Datasheet
44Kb / 4P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 14-Apr-03
SI4838DY VISHAY-SI4838DY Datasheet
160Kb / 7P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI4838DY VISHAY-SI4838DY_V01 Datasheet
160Kb / 7P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4838DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com