전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM4T15AYCAY 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 SM4T15AYCAY
상세설명  Automotive 400 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T15AYCAY 데이터시트(HTML) 2 Page - STMicroelectronics

  SM4T15AYCAY Datasheet HTML 1Page - STMicroelectronics SM4T15AYCAY Datasheet HTML 2Page - STMicroelectronics SM4T15AYCAY Datasheet HTML 3Page - STMicroelectronics SM4T15AYCAY Datasheet HTML 4Page - STMicroelectronics SM4T15AYCAY Datasheet HTML 5Page - STMicroelectronics SM4T15AYCAY Datasheet HTML 6Page - STMicroelectronics SM4T15AYCAY Datasheet HTML 7Page - STMicroelectronics SM4T15AYCAY Datasheet HTML 8Page - STMicroelectronics SM4T15AYCAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
SM4TY
2/12
Doc ID 17862 Rev 3
1
Characteristics
Figure 1.
Electrical characteristics - definitions
Figure 2.
Pulse definition for electrical characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
ISO 10605 (C = 150 pF, R = 330
Ω)
Contact discharge
Air discharge
ISO 10605, C = 150 pF, R = 330
Ω:
Contact discharge
Air discharge
30
30
30
30
kV
PPP
Peak pulse power dissipation(1)
Tj initial = Tamb
400
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Operating junction temperature range
-55 to + 150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
Unidirectional
Bidirectional
Symbol Parameter
V
Stand-off voltage
V
Breakdown voltage
V
Clamping voltage
I
Leakage current @ V
I
Peak pulse current
T
Voltage temperature coefficient
V
Forward voltage drop
R
Dynamic resistance
RM
BR
CL
RM
RM
PP
F
D
α
100
50
0
Pulse waveform
tr = rise time (µs)
tp = pulse duration time (µs)
t
%IPP
tp
tr


유사한 부품 번호 - SM4T15AYCAY

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SM4T15AY STMICROELECTRONICS-SM4T15AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T15AY STMICROELECTRONICS-SM4T15AY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
More results

유사한 설명 - SM4T15AYCAY

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com