전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB41AB1PAPG4 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TSB41AB1PAPG4
상세설명  IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB1PAPG4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TSB41AB1PAPG4 Datasheet HTML 7Page - Texas Instruments TSB41AB1PAPG4 Datasheet HTML 8Page - Texas Instruments TSB41AB1PAPG4 Datasheet HTML 9Page - Texas Instruments TSB41AB1PAPG4 Datasheet HTML 10Page - Texas Instruments TSB41AB1PAPG4 Datasheet HTML 11Page - Texas Instruments TSB41AB1PAPG4 Datasheet HTML 12Page - Texas Instruments TSB41AB1PAPG4 Datasheet HTML 13Page - Texas Instruments TSB41AB1PAPG4 Datasheet HTML 14Page - Texas Instruments TSB41AB1PAPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423I − JUNE 2000 − REVISED MARCH 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
TERMINAL
NAME
NUMBER
TYPE
I/O
DESCRIPTION
NAME
PAP
PHP
GQE/ZQE
TYPE
I/O
DESCRIPTION
AGND
32, 33,
39, 48,
49, 50
26, 32,
36
A9, B9,
D9, J8
Supply
Analog circuit ground terminals. These terminals should be tied together to the
low-impedance circuit board ground plane.
AVDD
30, 31,
42, 51,
52
25, 35
B8, C8,
H7
Supply
Analog circuit power terminals. A combination of high frequency decoupling
capacitors near each terminal is suggested, such as paralleled 0.1
µF and
0.001
µF. Lower frequency 10-µF filtering capacitors are also recommended.
These supply terminals are separated from PLLVDD and DVDD inside the
device to provide noise isolation. They should be tied at a low-impedance point
on the circuit board.
C/LKON
19
15
J1
CMOS
I/O
Bus manager contender programming input and link-on output. On hardware
reset, this terminal is used to set the default value of the contender status
indicated during self-ID. Programming is done by tying the terminal through a
10-k
Ω resistor to a high (contender) or low (not contender). The resistor allows
the link-on output to override the input. However, it is recommended that this
terminal should be programmed low, and that the contender status be set via
the C register bit.
If the TSB41AB1 is used with an LLC that has a dedicated terminal for
monitoring LKON and also setting the contender status, then a 1-k
Ω series
resistor should be placed on the LKON line between the PHY and LLC to
prevent bus contention.
Following hardware reset, this terminal is the link-on output, which is used to
notify the LLC to power up and become active. The link-on output is a
square-wave signal with a period of approximately 163 ns (8 SYSCLK cycles)
when active. The link-on output is otherwise driven low, except during
hardware reset when it is high-impedance.
The link-on output is activated if the LLC is inactive (LPS inactive or the LCtrl
bit cleared) and when:
a) the PHY receives a link-on PHY packet addressed to this node, or
b) the PEI (port-event interrupt) register bit is 1, or
c) any of the CTOI (configuration-time-out interrupt), CPSI
(cable-power-status interrupt), or STOI (state-time-out
interrupt) register bits are 1 and the RPIE (resuming-port
interrupt enable) register bit is also 1.
Once activated, the link-on output continues active until the LLC becomes
active (both LPS active and the LCtrl bit set). The PHY also deasserts the
link-on output when a bus reset occurs unless the link-on output would
otherwise be active because one of the interrupt bits is set (that is, the link-on
output is active due solely to the reception of a link-on PHY packet).
NOTE: If an interrupt condition exists which would otherwise cause the link-on
output to be activated if the LLC were inactive, the link-on output is activated
when the LLC subsequently becomes inactive.
CNA
3
N/A
B2
CMOS
O
Cable-not-active output. This terminal is asserted high when there is no
incoming bias voltage. CNA is not valid at intial power up until a device hard
reset is performed.
CPS
24
20
J5
CMOS
I
Cable power status input. This terminal is normally connected to cable power
through a 400-k
Ω resistor. This circuit drives an internal comparator that is
used to detect the presence of cable power. This terminal should be tied directly
to DGND through a 1-k
Ω resistor if the application does not require it to be
used.
CTL0
CTL1
4
5
2
3
B1
C2
CMOS
I/O
Control I/Os. These bidirectional signals control communication between the
TSB41AB1 and the LLC. Bus holders are built into these terminals.


유사한 부품 번호 - TSB41AB1PAPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB41AB1PAPG4 TI-TSB41AB1PAPG4 Datasheet
1Mb / 70P
[Old version datasheet]   IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
More results

유사한 설명 - TSB41AB1PAPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_16 Datasheet
808Kb / 55P
[Old version datasheet]   IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com