전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC04IDR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC04IDR
상세설명  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC04IDR 데이터시트(HTML) 3 Page - Texas Instruments

  TLC04IDR Datasheet HTML 1Page - Texas Instruments TLC04IDR Datasheet HTML 2Page - Texas Instruments TLC04IDR Datasheet HTML 3Page - Texas Instruments TLC04IDR Datasheet HTML 4Page - Texas Instruments TLC04IDR Datasheet HTML 5Page - Texas Instruments TLC04IDR Datasheet HTML 6Page - Texas Instruments TLC04IDR Datasheet HTML 7Page - Texas Instruments TLC04IDR Datasheet HTML 8Page - Texas Instruments TLC04IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC± (see Note 1)
±7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC04C/MF4A-50C, TLC14C/MF4A-100C
0
°C to 70°C
. . . . . .
TLC04I/MF4A-50I, TLC14I/MF4A-100I
– 40
°C to 85°C
. . . . . . . .
TLC04M/MF4A-50M, TLC14M/MF4A-100M
– 55
°C to 125°C
. . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the AGND terminal.
recommended operating conditions
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
MIN
MAX
MIN
MAX
UNIT
Positive supply voltage, VCC+
2.25
6
2.25
6
V
Negative supply voltage, VCC–
– 2.25
–6
– 2.25
–6
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
Clock frequency f lk (see Note 2)
VCC
± = ±2.5 V
5
1.5 x 106
5
1.5 x 106
Hz
Clock frequency, fclock (see Note 2)
VCC
± = ±5 V
5
2x 106
5
2x 106
Hz
Cutoff frequency, fco (see Note 3)
0.1
40 x 103
0.05
20 x 103
Hz
TLC04C/MF4A-50C, TLC14C/MF4A-100C
0
70
0
70
Operating free-air temperature, TA
TLC04I/MF4A-50I, TLC14I/MF4A-100I
–40
85
–40
85
°C
TLC04M/MF4A-50M, TLC14M/MF4A-100M
–55
125
–55
125
NOTES:
2. Above 250 kHz, the input clock duty cycle should be 50% to allow the operational amplifiers the maximum time to settle while
processing analog samples.
3. The cutoff frequency is defined as the frequency where the response is 3.01 dB less than the dc gain of the filter.
electrical characteristics over recommended operating free-air temperature range, VCC+ = 2.5 V,
VCC– = –2.5 V, fclock ≤ 250 kHz (unless otherwise noted)
filter section
PARAMETER
TEST CONDITIONS
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOO
Output offset voltage
25
50
mV
VOM
Peak output voltage
VOM+
RL =10kΩ
1.8
2
1.8
2
V
VOM
Peak output voltage
VOM –
RL = 10 kΩ
– 1.25
– 1.7
– 1.25
– 1.7
V
IOS
Short circuit output current
Source
TA =25°C
See Note 4
– 0.5
– 0.5
mA
IOS
Short-circuit output current
Sink
TA = 25°C,
See Note 4
4
4
mA
ICC
Supply current
fclock = 250 kHz
1.2
2.25
1.2
2.25
mA
‡ All typical values are at TA = 25°C.
NOTE 4: IOS(source) is measured by forcing the output to its maximum positive voltage and then shorting the output to the VCC – terminal
IOS(sink) is measured by forcing the output to its maximum negative voltage and then shorting the output to the VCC+ terminal.


유사한 부품 번호 - TLC04IDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC04IDR TI-TLC04IDR Datasheet
340Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04IDR TI1-TLC04IDR Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04IDRG4 TI-TLC04IDRG4 Datasheet
340Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results

유사한 설명 - TLC04IDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC04IDRG4 TI-TLC04IDRG4 Datasheet
340Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
MF4A-50 TI-MF4A-50 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50_08 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
   4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com