전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZU15A 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 PZU15A
상세설명  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU15A 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button PZU15A Datasheet HTML 5Page - NXP Semiconductors PZU15A Datasheet HTML 6Page - NXP Semiconductors PZU15A Datasheet HTML 7Page - NXP Semiconductors PZU15A Datasheet HTML 8Page - NXP Semiconductors PZU15A Datasheet HTML 9Page - NXP Semiconductors PZU15A Datasheet HTML 10Page - NXP Semiconductors PZU15A Datasheet HTML 11Page - NXP Semiconductors PZU15A Datasheet HTML 12Page - NXP Semiconductors PZU15A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
9 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
Tj =25 °C
VZ = 2.4 V to 4.3 V
Tj =25 °C
VZ = 4.7 V to 12 V
Fig 5.
Working current as a function of working
voltage; typical values
Fig 6.
Working current as a function of working
voltage; typical values
Tj =25 °C
VZ = 13 V to 36 V
Fig 7.
Working current as a function of working voltage; typical values
006aab246
10−1
10−2
10
1
102
IZ
(mA)
10−3
VZ (V)
05
4
23
1
VZ(nom) (V) = 2.4
2.7
3.0
3.3
3.6
3.9
4.3
006aab247
10−1
10−2
10
1
102
IZ
(mA)
10−3
VZ (V)
014
10
12
8
6
24
VZ(nom) (V) = 4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
006aab248
10−1
10−2
10
1
102
IZ
(mA)
10−3
VZ (V)
10
40
30
20
VZ(nom) (V) = 13
18
20
22
24
27
30
33
36
14
15
16


유사한 부품 번호 - PZU15A

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PZU15A NEXPERIA-PZU15A Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
PZU15A-Q NEXPERIA-PZU15A-Q Datasheet
281Kb / 12P
   Single Zener diodes
Rev. 1 - 10 August 2022
PZU15A/DG NEXPERIA-PZU15A/DG Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
More results

유사한 설명 - PZU15A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com