전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U15P4YZQE 데이터시트(PDF) 6 Page - C&K Components

부품명 U15P4YZQE
상세설명  Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U15P4YZQE 데이터시트(HTML) 6 Page - C&K Components

Back Button U15P4YZQE Datasheet HTML 2Page - C&K Components U15P4YZQE Datasheet HTML 3Page - C&K Components U15P4YZQE Datasheet HTML 4Page - C&K Components U15P4YZQE Datasheet HTML 5Page - C&K Components U15P4YZQE Datasheet HTML 6Page - C&K Components U15P4YZQE Datasheet HTML 7Page - C&K Components U15P4YZQE Datasheet HTML 8Page - C&K Components U15P4YZQE Datasheet HTML 9Page - C&K Components U15P4YZQE Datasheet HTML 10Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
F–8
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
7000 Series
Miniature Toggle Switches
BUSHING
PANEL MOUNTING
1/4 INCH BUSHING
METRIC BUSHING
15/32 INCH BUSHING
Without locking ring.
With standard locking ring. With small locking ring. Without locking ring.With locking ring. Without lockingring.
With standard locking ring.
15/32-32 UNS-2A
1/4-40 UNS-2A
For T & T1 actuators.
For actuators other than T, T1 and KXX.
1/4-40 UNS-2A
D8
D, D9
1/4-40 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
Y9
.350" HIGH,
UNTHREADED,
KEYWAY
Y
.350" HIGH,
THREADED, KEYWAY
NONE
NO BUSHING
D8
.280" HIGH, UNTHREADED,
FLAT 3
D9
.280" HIGH, UNTHREADED,
KEYWAY
D
.280" HIGH,
THREADED, KEYWAY
H
.296" HIGH, FLAT
THREADED, HIGH TORQUE 1,2
H3
.315" HIGH, KEYWAY
THREADED, HIGH
TORQUE 1,2
H4
8mm HIGH, KEYWAY, THREADED,
METRIC HIGH TORQUE 1,2,3
Y1
.378" HIGH, KEYWAY, THREADED,
HIGH TORQUE 1,2,4
Y3
8.9mm HIGH, KEYWAY,
THREADED, METRIC
Y4
.378" HIGH, FLAT, THREADED,
HIGH TORQUE 1,2,5
CW
THREADED, SPLASHPROOF 1,2
Y bushing standard with C,
W-W5, Z or Z3 terminations.
Subtract .020 (0,51) from all actuator
lengths for H3 bushing.
No bushing choice required
with KXX, TXX actuators.
(exception: Specify CW if
splashproof bushing desired).
D9 bushing standard with all terminations
except C, W-W5, Z or Z3. Add .070 (1,78) to
all actuators lengths with D, D8 & D9 bushings.
IP67 Degree of protection, totally protected against
dust, full-scale voltage protection, temporary immersion.
Internal actuator seal standard.
External bushing seal available separately from APM
Hexseal, part # MFS-60064.
IP67 Degree of protection, totally protected
against dust, full-scale voltage protection,
temporary immersion. Internal actuator seal
and external bushing seal washer standard.
IP65 degree of protection for LXP, MP, PX
or SP with CW option.
1 Will withstand 12 in.-lbs. of torque with no distortion.
2 CW. H, H3, H4, Y1 & Y4 bushings not available on single pole models
with A4 terminations.
3 D8 & H4 bushings available only with L, L1, L2, M & S actuators.
4 Y1 bushing available only with LXP, MP, PX & SP actuators.
5 Y4 bushing not available with L4X actuators.
NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with
threaded bushings. Black hardware is supplied when either black bushings or
actuators are specified. Optional mounting nut and locking ring styles and finishes
available, see Section N.
NONE
NICKEL on all bushings
except ‘D8’ satin chrome.
2
BLACK
BUSHING FINISH
OPTION
CODE
BUSHING FINISH
BUSHING
F


유사한 부품 번호 - U15P4YZQE

제조업체부품명데이터시트상세설명
logo
C&K Components
U15 CK-COMPONENTS-U15 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Ferroxcube Internationa...
U15-11-6 FERROXCUBE-U15-11-6 Datasheet
52Kb / 4P
   U, I cores and accessories
logo
Intronics Power, Inc.
U15-12D12 INTRONICS-U15-12D12 Datasheet
182Kb / 1P
   DC/DC MODULES
U15-12D15 INTRONICS-U15-12D15 Datasheet
182Kb / 1P
   DC/DC MODULES
U15-12D5 INTRONICS-U15-12D5 Datasheet
182Kb / 1P
   DC/DC MODULES
More results

유사한 설명 - U15P4YZQE

제조업체부품명데이터시트상세설명
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com